Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM3842AS8T Datasheet(PDF) 16 Page - Gamma Microelectronics Inc.

Part # GM3842AS8T
Description  HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM3842AS8T Datasheet(HTML) 16 Page - Gamma Microelectronics Inc.

Back Button GM3842AS8T Datasheet HTML 11Page - Gamma Microelectronics Inc. GM3842AS8T Datasheet HTML 12Page - Gamma Microelectronics Inc. GM3842AS8T Datasheet HTML 13Page - Gamma Microelectronics Inc. GM3842AS8T Datasheet HTML 14Page - Gamma Microelectronics Inc. GM3842AS8T Datasheet HTML 15Page - Gamma Microelectronics Inc. GM3842AS8T Datasheet HTML 16Page - Gamma Microelectronics Inc. GM3842AS8T Datasheet HTML 17Page - Gamma Microelectronics Inc. GM3842AS8T Datasheet HTML 18Page - Gamma Microelectronics Inc. GM3842AS8T Datasheet HTML 19Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
+
-
+
Bias
OSC
R
R
1.0mA
R
2R
EA
2N3903
2N3905
MCR101
8
4
2
1
5
Figure 19. Latched Shutdown
The MCR101 SCR must be selected for a holding of less than 0.5 mA at T (min).
A
The simple two transistor circuit can be used in place of the SCR as shown. All resistors are 10 k.
+
-
+
1.0mA
R
2R
EA
2
1
5
RF
CI
RI
VO
Figure Error Amplifier Compensation
Error Amp compensation circuit for stabilizing current-mode boost and flyback topologies operating with
continuous inductor current.
2.5V
RD
R
P
CP


Similar Part No. - GM3842AS8T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM3842AS8T GAMMA-GM3842AS8T Datasheet
106Kb / 8P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - GM3842AS8T

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com