Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH32S72VJA-6 Datasheet(PDF) 17 Page - Mitsubishi Electric Semiconductor

Part # MH32S72VJA-6
Description  2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72VJA-6 Datasheet(HTML) 17 Page - Mitsubishi Electric Semiconductor

Back Button MH32S72VJA-6 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
MITSUBISHI
ELECTRIC
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6
MITSUBISHI LSIs
8/May. /1999
MIT-DS-0311-0.0
SWITCHING CHARACTERISTICS
(Ta=0 ~ 70C, Vdd = 3.3 +/- 0.3V, Vss = 0V, unless otherwise noted)
Unit
ns
ns
ns
Limits
Symbol
Parameter
tAC
Access time from CK
CL=3
ns
tOH
Output Hold time from CK
tOLZ
Delay time, output low
impedance from CK
tOHZ
Delay time, output high
impedance from CK
LATCH MODE
17
Min.
Max.
2.7
0
2.7
5.4
CL=4
-
Limits
Symbol Parameter
Unit
tCLK
CK cycle time
ns
tCH
CK High pulse width
ns
tCL
CK Low pulse width
ns
tT
Transition time of CK
ns
tIS
Input Setup time(all inputs)
ns
tIH
Input Hold time(all inputs)
ns
tRC
Row Cycle time
ns
tRCD
Row to Column Delay
ns
tRAS
Row Active time
ns
tRP
Row Precharge time
ns
tWR
Write Recovery time
ns
tRRD
Act to Act Deley time
ns
tRSC
Mode Register Set Cycle time
ns
tREF
Refresh Interval time
ms
CL=2
tSRX
Self Refresh Exit time
ns
Min.
Max.
2.5
7.5
2.5
1
10
6.5
0
67.5
22.5
45
100K
22.5
15
15
15
64
7.5
CL=3
-
ns
tRFC
Row Refresh Cycle time
ns
80
tPDE
Power Down Exit time
ns
7.5
BUFFER MODE
5.4
Note
*1
NOTE)
1.If clock rising time is longer than 1ns, (tr /2-0.5ns) should be added to the parameter.


Similar Part No. - MH32S72VJA-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72APHB-7 MITSUBISHI-MH32S72APHB-7 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72APHB-8 MITSUBISHI-MH32S72APHB-8 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72AQJA-7 MITSUBISHI-MH32S72AQJA-7 Datasheet
917Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AQJA-8 MITSUBISHI-MH32S72AQJA-8 Datasheet
917Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results

Similar Description - MH32S72VJA-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S64PHB-6 MITSUBISHI-MH32S64PHB-6 Datasheet
579Kb / 40P
2,147,483,648-BIT ( 33,554,432-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72AQJA-7 MITSUBISHI-MH32S72AQJA-7 Datasheet
917Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AVJA-6 MITSUBISHI-MH32S72AVJA-6 Datasheet
953Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-6 MITSUBISHI-MH32S72BBFA-6 Datasheet
963Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-7 MITSUBISHI-MH32S72BBFA-7 Datasheet
964Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-6 MITSUBISHI-MH32S72DBFA-6 Datasheet
952Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-7 MITSUBISHI-MH32S72DBFA-7 Datasheet
941Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72PHB-6 MITSUBISHI-MH32S72PHB-6 Datasheet
582Kb / 40P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com