Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH32S72VJA-6 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MH32S72VJA-6
Description  2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72VJA-6 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MH32S72VJA-6 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
MITSUBISHI
ELECTRIC
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6
MITSUBISHI LSIs
8/May. /1999
MIT-DS-0311-0.0
DESCRIPTION
APPLICATION
Main memory or graphic memory in computer systems
PRELIMINARY
Some of contents are subject to change without notice.
1
1pin
10pin
11pin
40pin
41pin
84pin
85pin
94pin
95pin
124pin
125pin
168pin
The MH32S72VJA is 33554432 - word x 72-bit Synchronous
DRAM module. This consist of eighteen industry standard
32M x 4 Synchronous DRAMs in TSOP.
The TSOP on a card edge dual in-line package provides any
application where high densities and large of quantities memory
are required.
This is a socket-type memory module ,suitable for easy
interchange or addition of module.
FEATURES
Type name
5.4ns
(CL = 4 at Latch mode)
MH32S72VJA-6
Utilizes industry standard 32M X 4 Synchronous DRAMs in TSOP
package , industry standard Resistered buffer in TSSOP
package,industry standard PLL in TSSOP package
Single 3.3V +/- 0.3V supply
Max.Clock frequency 133MHz
Fully synchronous operation referenced to clock rising edge
4-bank operation controlled by BA0,BA1(Bank Address)
/CAS latency -2/3(programmable,at buffer mode)
LVTTL Interface
Burst length 1/2/4/8/Full Page(programmable)
Burst type- Sequential and interleave burst (programmable)
Random column access
Burst Write / Single Write(programmable)
Auto precharge / All bank precharge controlled by A10
Auto refresh and Self refresh
4096 refresh cycles every 64ms
Max.
Frequency
Access Time from CLK
[component level]
133MHz
Discrete IC and module design conform to
PC133 specification.


Similar Part No. - MH32S72VJA-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72APHB-7 MITSUBISHI-MH32S72APHB-7 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72APHB-8 MITSUBISHI-MH32S72APHB-8 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72AQJA-7 MITSUBISHI-MH32S72AQJA-7 Datasheet
917Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AQJA-8 MITSUBISHI-MH32S72AQJA-8 Datasheet
917Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results

Similar Description - MH32S72VJA-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S72AVJA-6 MITSUBISHI-MH32S72AVJA-6 Datasheet
953Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-7 MITSUBISHI-MH32S72DBFA-7 Datasheet
941Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-6 MITSUBISHI-MH32S72DBFA-6 Datasheet
952Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-6 MITSUBISHI-MH32S72BBFA-6 Datasheet
963Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AQJA-7 MITSUBISHI-MH32S72AQJA-7 Datasheet
917Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-7 MITSUBISHI-MH32S72BBFA-7 Datasheet
964Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72PHB-6 MITSUBISHI-MH32S72PHB-6 Datasheet
582Kb / 40P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S64PHB-6 MITSUBISHI-MH32S64PHB-6 Datasheet
579Kb / 40P
2,147,483,648-BIT ( 33,554,432-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com