Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH32S72VJA-6 Datasheet(PDF) 53 Page - Mitsubishi Electric Semiconductor

Part # MH32S72VJA-6
Description  2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72VJA-6 Datasheet(HTML) 53 Page - Mitsubishi Electric Semiconductor

Back Button MH32S72VJA-6 Datasheet HTML 48Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 49Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 50Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 51Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 52Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 53Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 54Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 55Page - Mitsubishi Electric Semiconductor MH32S72VJA-6 Datasheet HTML 56Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
MITSUBISHI
ELECTRIC
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6
MITSUBISHI LSIs
8/May. /1999
MIT-DS-0311-0.0
Serial Presence Detect Table I
Byte
Function described
SPD enrty data
SPD DATA(hex)
0
# of Serial PD Bytes Written during Production
128
80
1
Total # of Bytes in SPD device
256 Bytes
08
2
Fundamental memory type
SDRAM
04
3
# Row Addresses on this assembly
A0-A11
0C
4
# Column Addresses on this assembly
A0-A10
0B
5
# Module Banks on this assembly
1BANK
01
6
Data Width of this assembly...
x72
48
7
... Data Width continuation
0
00
8
Voltage interface standard of this assembly
LVTTL
01
9
SDRAM Cycletime at Max. Supported CAS Latency (CL).
75
Cycle time for CL=3
10
SDRAM Access from Clock
5.4ns
54
tAC for CL=3
11
DIMM Configuration type (Non-parity,Parity,ECC)
ECC
02
12
Refresh Rate/Type
self refresh(15.625uS)
80
13
SDRAM width,Primary DRAM
x4
04
14
Error Checking SDRAM data width
x4
04
15
Minimum Clock Delay,Back to Back Random Column Addresses
1
01
16
Burst Lengths Supported
1/2/4/8/Full page
8F
17
# Banks on Each SDRAM device
4bank
04
18
CAS# Latency
3
04
19
CS# Latency
0
01
20
Write Latency
0
01
21
SDRAM Module Attributes
buffered,registered with PLL
1F
22
SDRAM Device Attributes:General
Precharge All,Auto precharge
Write1/Read Burst
0E
23
SDRAM Cycle time(2nd highest CAS latency)
Cycle time for CL=2
24
SDRAM Access form Clock(2nd highest CAS latency)
00
tAC for CL=2
25
SDRAM Cycle time(3rd highest CAS latency)
N/A
00
N/A
00
26
SDRAM Access form Clock(3rd highest CAS latency)
27
Precharge to Active Minimum
23ns(22.5ns)
17
28
Row Active to Row Active Min.
15ns
0F
7.5ns
00
29
RAS to CAS Delay Min
30
Active to Precharge Min
45ns
2D
53
N/A
N/A
23ns(22.5ns)
17


Similar Part No. - MH32S72VJA-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72APHB-7 MITSUBISHI-MH32S72APHB-7 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72APHB-8 MITSUBISHI-MH32S72APHB-8 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72AQJA-7 MITSUBISHI-MH32S72AQJA-7 Datasheet
917Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AQJA-8 MITSUBISHI-MH32S72AQJA-8 Datasheet
917Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results

Similar Description - MH32S72VJA-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S64PHB-6 MITSUBISHI-MH32S64PHB-6 Datasheet
579Kb / 40P
2,147,483,648-BIT ( 33,554,432-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72AQJA-7 MITSUBISHI-MH32S72AQJA-7 Datasheet
917Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AVJA-6 MITSUBISHI-MH32S72AVJA-6 Datasheet
953Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-6 MITSUBISHI-MH32S72BBFA-6 Datasheet
963Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-7 MITSUBISHI-MH32S72BBFA-7 Datasheet
964Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-6 MITSUBISHI-MH32S72DBFA-6 Datasheet
952Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-7 MITSUBISHI-MH32S72DBFA-7 Datasheet
941Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72PHB-6 MITSUBISHI-MH32S72PHB-6 Datasheet
582Kb / 40P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com