Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA602A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA602A
Description  Double-balanced mixer and oscillator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA602A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA602A Datasheet HTML 3Page - NXP Semiconductors SA602A Datasheet HTML 4Page - NXP Semiconductors SA602A Datasheet HTML 5Page - NXP Semiconductors SA602A Datasheet HTML 6Page - NXP Semiconductors SA602A Datasheet HTML 7Page - NXP Semiconductors SA602A Datasheet HTML 8Page - NXP Semiconductors SA602A Datasheet HTML 9Page - NXP Semiconductors SA602A Datasheet HTML 10Page - NXP Semiconductors SA602A Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors
Product specification
SA602A
Double-balanced mixer and oscillator
1997 Nov 07
7
602A
4
5
3
6
2
7
1
8
+6V
7pF
10pF
TO
BUFFER
DC CONTROL VOLTAGE
FROM SYNTHESIZER
MV2105
OR EQUIVALENT
1000pF
1000pF
5.5
µH
0.10pF
10
µF
0.06
µH
0.1
µF
3SK126
100k
2pF
TO SYNTHESIZER
100k
100k
330
2k
TO SYNTHESIZER
2N5484
2N918
0.01
µF
0.01
µF
1.0nF
SR00075
Figure 8. Colpitts Oscillator Suitable for Synthesizer Applications and Typical Buffers
87
65
4
3
2
1
SFG455A3
100nF
220pF
INPUT
47pF
22pF
1nF
100nF
10nF
VCC
6.8
µF
0.5 to 1.3
µH
0.209 to 0.283
µH
10pF
34.545MHz THIRD OVERTONE CRYSTAL
602A
OR EQUIVALENT
SR00076
Figure 9. Typical Application for Cellular Radio


Similar Part No. - SA602A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602A PHILIPS-SA602A Datasheet
379Kb / 8P
   DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
SA602A NXP-SA602A Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
SA602AD PHILIPS-SA602AD Datasheet
379Kb / 8P
   DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
SA602AD NXP-SA602AD Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
SA602AD01 NXP-SA602AD01 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
More results

Similar Description - SA602A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA602A PHILIPS-SA602A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
NE602A PHILIPS-NE602A Datasheet
379Kb / 8P
   DOUBLE BALANCED MIXER AND OSCILLATOR
April 1990
NE612A PHILIPS-NE612A_1 Datasheet
163Kb / 8P
   Double-balanced mixer and oscillator
1990 Sep 17
SA602A NXP-SA602A Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-27 May 2014
SA612A PHILIPS-SA612A Datasheet
110Kb / 12P
   Double-balanced mixer and oscillator
1997 Nov 07
SA612A PHILIPS-SA612A_15 Datasheet
1Mb / 19P
   Double-balanced mixer and oscillator
Rev. 3-4 June 2014
logo
NTE Electronics
NTE7164 NTE-NTE7164 Datasheet
64Kb / 2P
   Double−Balanced Mixer & Oscillator
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com