Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH32S72BBFA-6 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MH32S72BBFA-6
Description  2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72BBFA-6 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MH32S72BBFA-6 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH32S72BBFA-6 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH32S72BBFA-6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH32S72BBFA-6 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH32S72BBFA-6 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH32S72BBFA-6 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH32S72BBFA-6 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH32S72BBFA-6 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH32S72BBFA-6 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
MITSUBISHI
ELECTRIC
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA -6
MITSUBISHI LSIs
16/Jun. /1999
MIT-DS-333-0.1
CKE0
/S0-3
/W
/RAS
/CAS
DQM0-7
CK0
Add
VDD
VSS
D0 to D35
D0 to D35
REGE
3
CB0
CB1
CB2
CB3
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
DQ26
DQ27
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
DQ12
DQ13
DQ14
DQ15
DQ8
DQ9
DQ10
DQ11
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
CB4
CB5
CB6
CB7
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
DQ58
DQ59
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
DQ42
DQ43
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
D18
D19
D0
D1
D2
D20
D3
D21
D4
D22
D5
D23
D6
D24
D7
D25
D8
D26
D9
D27
D10
D28
D11
D29
D12
D30
D13
D31
D14
D32
D15
D33
D16
D34
D17
D35
PLL
CK1 - CK3
Terminated
From PLL
RCKE0
R/S0-3
RDQM0-7
SERIAL PD
SCL
SDA
SA0 SA1 SA2
A0
A1
A2
RCKE0
R/S0
RDQM 0
R/S1
R/S2
R/S3
RDQM 1
RDQM 4
RDQM 3
RDQM 2
RDQM 7
RDQM 5
RDQM 6
D0-1,D18-19
D2-3,D8,D20-21,D26
D4-5,D22-23
D6-7,D24-25
D9-10,D27-28
D11-12,D17,D29-30,D35
D13-14,D31-32
D15-16,D33-34
D0-35
D0-3,D8-12,D17
D18-21,D26-30,D35
D4-7,D13-16
D22-25,D31-34
WP
47K
Vdd


Similar Part No. - MH32S72BBFA-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S72BBFA-7 MITSUBISHI-MH32S72BBFA-7 Datasheet
964Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-8 MITSUBISHI-MH32S72BBFA-8 Datasheet
964Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results

Similar Description - MH32S72BBFA-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S72AVJA-6 MITSUBISHI-MH32S72AVJA-6 Datasheet
953Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-7 MITSUBISHI-MH32S72DBFA-7 Datasheet
941Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6 MITSUBISHI-MH32S72VJA-6 Datasheet
935Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-6 MITSUBISHI-MH32S72DBFA-6 Datasheet
952Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AQJA-7 MITSUBISHI-MH32S72AQJA-7 Datasheet
917Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-7 MITSUBISHI-MH32S72BBFA-7 Datasheet
964Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72PHB-6 MITSUBISHI-MH32S72PHB-6 Datasheet
582Kb / 40P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S64PHB-6 MITSUBISHI-MH32S64PHB-6 Datasheet
579Kb / 40P
   2,147,483,648-BIT ( 33,554,432-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com