Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH32S72AVJA-6 Datasheet(PDF) 15 Page - Mitsubishi Electric Semiconductor

Part # MH32S72AVJA-6
Description  2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72AVJA-6 Datasheet(HTML) 15 Page - Mitsubishi Electric Semiconductor

Back Button MH32S72AVJA-6 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MH32S72AVJA-6 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MH32S72AVJA-6 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MH32S72AVJA-6 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor MH32S72AVJA-6 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor MH32S72AVJA-6 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor MH32S72AVJA-6 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor MH32S72AVJA-6 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor MH32S72AVJA-6 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AVJA-6
17.Mar.2000
MIT-DS-0376-0.2
MITSUBISHI LSIs
Preliminary Spec.
Some contents are subject to change without notice.
MITSUBISHI
ELECTRIC
15
AVERAGE SUPPLY CURRENT from Vdd
(Ta=0 ~70°C, Vdd = 3.3 ± 0.3V, Vss = 0V, unless otherwise noted)
AC OPERATING CONDITIONS AND CHARACTERISTICS
(Ta=0 ~ 70°C, Vdd = 3.3 ± 0.3V, Vss = 0V, unless otherwise noted)
Symbol
Parameter
Test Condition
Limits
Unit
Min. Max.
VOH(DC) High-Level Output Voltage(DC) IOH=-2mA
2.4
V
VOL(DC) Low-Level Output Voltage(DC) IOL=2mA
0.4
V
IOZ
Off-stare Output Current
Q floating VO=0 ~ Vdd
uA
Ii
Input Current
VIH=0 ~ Vdd+0.3V
-10
10
uA
Note)
1.Icc(max) is specif ied at the output open condition.
-10
10
Test Condition
Limits
(max)
Unit
tRC=min.tCLK=min, BL=1,CL=3
mA
CKE=L,tCLK=15ns, /CS>Vcc-0.2V
mA
CKE=CLK=L, /CS>Vcc-0.2V
mA
mA
tCLK=min, BL=4, CL=3,all banks activ e(discerte)
mA
tRC=min, tCLK=min
mA
CKE <0.2V
mA
CKE=H,tCLK=15ns,VIH>Vcc-0.2V,VIL<0.2V
Symbol
Icc1
Icc2P
Icc2PS
Icc2NS
Icc4
Icc5
Icc6
Icc2N
Parameter
operating current
one bank activ e (discrete)
precharge stanby
current
in power-down mode
burst current
auto-refresh current
self-refresh current
CKE=H,CLK=L,VIH>Vcc-0.2V,VIL<0.2V(f ixed)
mA
precharge stanby current
in non power-down mode
mA
CKE=H,tCLK=15ns
Icc3NS
Icc3N
CKE=H,CLK=L
mA
active stanby current
in non power-down mode
one bank activ e (discrete)
2050
286
268
700
2770
3130
286
520
790
610
-6


Similar Part No. - MH32S72AVJA-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72APHB-7 MITSUBISHI-MH32S72APHB-7 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72APHB-8 MITSUBISHI-MH32S72APHB-8 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72AQJA-7 MITSUBISHI-MH32S72AQJA-7 Datasheet
917Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AQJA-8 MITSUBISHI-MH32S72AQJA-8 Datasheet
917Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results

Similar Description - MH32S72AVJA-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S72DBFA-7 MITSUBISHI-MH32S72DBFA-7 Datasheet
941Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6 MITSUBISHI-MH32S72VJA-6 Datasheet
935Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-6 MITSUBISHI-MH32S72DBFA-6 Datasheet
952Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-6 MITSUBISHI-MH32S72BBFA-6 Datasheet
963Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AQJA-7 MITSUBISHI-MH32S72AQJA-7 Datasheet
917Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-7 MITSUBISHI-MH32S72BBFA-7 Datasheet
964Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72PHB-6 MITSUBISHI-MH32S72PHB-6 Datasheet
582Kb / 40P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S64PHB-6 MITSUBISHI-MH32S64PHB-6 Datasheet
579Kb / 40P
   2,147,483,648-BIT ( 33,554,432-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com