Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH32S72AVJA-6 Datasheet(PDF) 14 Page - Mitsubishi Electric Semiconductor

Part # MH32S72AVJA-6
Description  2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32S72AVJA-6 Datasheet(HTML) 14 Page - Mitsubishi Electric Semiconductor

Back Button MH32S72AVJA-6 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor MH32S72AVJA-6 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor MH32S72AVJA-6 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor MH32S72AVJA-6 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor MH32S72AVJA-6 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor MH32S72AVJA-6 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor MH32S72AVJA-6 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor MH32S72AVJA-6 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor MH32S72AVJA-6 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AVJA-6
17.Mar.2000
MIT-DS-0376-0.2
MITSUBISHI LSIs
Preliminary Spec.
Some contents are subject to change without notice.
MITSUBISHI
ELECTRIC
ABSOLUTE M AXIMUM RATINGS
Symbol
Parameter
Condition
Ratings
Unit
Vdd
VI
VO
IO
Pd
Topr
Tstg
Supply Voltage
Input Voltage
Output Voltage
Output Current
Power Dissipation
Operating Temperature
Storage Temperature
with respect to Vss
with respect to Vss
with respect to Vss
Ta=25°C
-0.5 ~ 4.6
-0.5 ~ 4.6
-0.5 ~ 4.6
50
22
0 ~ 70
-40 ~ 100
V
V
V
mA
W
RECOMM ENDED OPERATING CONDITION
(Ta=0 ~ 70°C, unless otherwise noted)
Symbol
Vdd
Vss
VIH*1
VIL*2
Parameter
Supply Voltage
High-Level Input Voltage all inputs
Supply Voltage
Low-Level Input Voltage all inputs
Limits
Unit
Min.
Typ.
Max.
3.0
0
2.0
-0.3
3.3
0
3.6
0
Vdd+0.3
0.8
V
V
V
V
CAPACITANCE
(Ta=0 ~ 70°C, Vdd = 3.3 +/- 0.3V, Vss = 0V, unless otherwise noted)
Symbol
CI(A)
CI(C)
CI(K)
CI/O
Parameter
Input Capacitance, address pin
Input Capacitance, control pin
Input Capacitance, CK0 pin
Input Capacitance, I/O pin
Tes t Condition
Limits (max.)
Unit
1MHz,
1.4V bias
200mV swing
25
25
35
16.5
pF
pF
pF
pF
14
Note)
1:VIH(max)=5.5V for pulse width less than 10ns.
2.VIL(min)=-1.0 for pulse width less than 10ns.
°C
°C


Similar Part No. - MH32S72AVJA-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72APHB-7 MITSUBISHI-MH32S72APHB-7 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72APHB-8 MITSUBISHI-MH32S72APHB-8 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72AQJA-7 MITSUBISHI-MH32S72AQJA-7 Datasheet
917Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72AQJA-8 MITSUBISHI-MH32S72AQJA-8 Datasheet
917Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results

Similar Description - MH32S72AVJA-6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32S64PHB-6 MITSUBISHI-MH32S64PHB-6 Datasheet
579Kb / 40P
2,147,483,648-BIT ( 33,554,432-WORD BY 64-BIT ) Synchronous DYNAMIC RAM
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72AQJA-7 MITSUBISHI-MH32S72AQJA-7 Datasheet
917Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-6 MITSUBISHI-MH32S72BBFA-6 Datasheet
963Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BBFA-7 MITSUBISHI-MH32S72BBFA-7 Datasheet
964Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-6 MITSUBISHI-MH32S72DBFA-6 Datasheet
952Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-7 MITSUBISHI-MH32S72DBFA-7 Datasheet
941Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72PHB-6 MITSUBISHI-MH32S72PHB-6 Datasheet
582Kb / 40P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6 MITSUBISHI-MH32S72VJA-6 Datasheet
935Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com