Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP76761CSYC-J Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP76761CSYC-J
Description  1. All dimensions are in millimeters (inches).
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP76761CSYC-J Datasheet(HTML) 1 Page - Kingbright Corporation

  WP76761CSYC-J Datasheet HTML 1Page - Kingbright Corporation WP76761CSYC-J Datasheet HTML 2Page - Kingbright Corporation WP76761CSYC-J Datasheet HTML 3Page - Kingbright Corporation WP76761CSYC-J Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAG1669
REV NO: V.2
DATE: JUN/16/2006
PAGE: 1 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP:1101018013
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.
7.6mm x 7.6mm SUPER FLUX LED LAMP
Features
SUPER FLUX OUTPUT.
DESIGN FOR HIGH CURRENT OPERATION.
OUTSTANDING MATERIAL EFFICIENCY.
RELIABLE AND RUGGED.
RoHS COMPLIANT.
Part Number: WP76761CSYC/J SUPER BRIGHT YELLOW
Description
The Super Bright device is based on a light emitting diode
chip made from AlGaInP and bonded on silicon substrate.
PRELIMINARY SPEC


Similar Part No. - WP76761CSYC-J

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP76761CSYC KINGBRIGHT-WP76761CSYC Datasheet
137Kb / 4P
   7.6mmX7.6mm SUPER FLUX LED LAMP
More results

Similar Description - WP76761CSYC-J

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APB3025SRSGCPRV-F01 KINGBRIGHT-APB3025SRSGCPRV-F01 Datasheet
120Kb / 4P
   1. All dimensions are in millimeters (inches).
logo
Cooper Bussmann, Inc.
CTX10-5P COOPER-CTX10-5P Datasheet
107Kb / 1P
   All dimensions are in inches.
logo
Projects Unlimited, Inc...
AI-5025-TWT-R PUI-AI-5025-TWT-R Datasheet
261Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
A-BRIGHT Inc
AL-6B13WC-120 A-BRIGHT-AL-6B13WC-120 Datasheet
210Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6R03WC-60 A-BRIGHT-AL-6R03WC-60 Datasheet
285Kb / 6P
   All dimensions are in millimeters
2007/4/24
AL-6SW1WC-120 A-BRIGHT-AL-6SW1WC-120 Datasheet
212Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6SW3WC-120 A-BRIGHT-AL-6SW3WC-120 Datasheet
211Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-6UG1WC-60 A-BRIGHT-AL-6UG1WC-60 Datasheet
249Kb / 6P
   All dimensions are in millimeters
2009/9/11
AL-6UG1WC-120 A-BRIGHT-AL-6UG1WC-120 Datasheet
212Kb / 6P
   All dimensions are in millimeters
2009/2/24
AL-12R6W0CWC-A2X A-BRIGHT-AL-12R6W0CWC-A2X Datasheet
252Kb / 6P
   All dimensions are in millimeters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com