Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP7700C4QBC-D Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP7700C4QBC-D
Description  SnapLED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7700C4QBC-D Datasheet(HTML) 3 Page - Kingbright Corporation

  WP7700C4QBC-D Datasheet HTML 1Page - Kingbright Corporation WP7700C4QBC-D Datasheet HTML 2Page - Kingbright Corporation WP7700C4QBC-D Datasheet HTML 3Page - Kingbright Corporation WP7700C4QBC-D Datasheet HTML 4Page - Kingbright Corporation WP7700C4QBC-D Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: DSAH3828
REV NO: V.1
DATE: APR/29/2007
PAGE: 3 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101016277
Notes:
1.Luminous intensity is measured with an integrating sphere after the device has stabilized; Luminous Intensity / luminous flux: +/-15%.
2.θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Note:
1.The dominant wavelength is derived from the CIE Chromaticity Diagram and represents the perceived color of the device; Wavelength: +/-1nm.
Note:
1. Forward Voltage: +/-0.1V.
PARAMETER
QB/D
UNITS
DC Forward Current
30
mA
Power dissipation
126
mW
Reverse Voltage
5
V
Operating Temperature
-40 To +85
°
C
Storage Temperature
-55 To +85
°
C
Absolute Maximum Ratings at TA=25°C
Selection Guide
Part No.
LED COLOR
Iv(cd)[1]
@30mA
Min.
Typ.
Viewing Angle[2]
2θ1/2
Typ.
WP7700C4QBC/D
Blue (AlInGaN)
1.5
2.2
30
°
DEVICE
TYPE
PEAK
WAVELENGTH
λPEAK (nm)
TYP.
DOMINANT[1]
WAVELENGTH
λDOM (nm)
TYP.
SPECTRAL LINE
WAVELENGTH
Δλ1/2(nm)
TYP.
QB/D
468
470
25
Optical Characteristics at TA=25°C
IF=30mA Rθj-a=200°C/W
Electrical Characteristics at TA=25°C
DEVICE
TYPE
FORWARD VOLTAGE [1]
VF (VOLTS)
@
IF=30mA
REVERSE CURRENT
IR (uA)
@
VR=5V
CAPACITANCE
C (pF)
@
VF=0V F=1MHZ
THERMAL
RESISTANCE
Rθj -pin
°C/W
TYP.
MAX.
MAX.
TYP.
TYP.
QB/D
3.5
4.2
10
100
180


Similar Part No. - WP7700C4QBC-D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7700C4PBC-Z KINGBRIGHT-WP7700C4PBC-Z Datasheet
364Kb / 5P
SnapLED
WP7700C4PBC/Z KINGBRIGHT-WP7700C4PBC/Z Datasheet
364Kb / 5P
SnapLED
WP7700C4SEC-J KINGBRIGHT-WP7700C4SEC-J Datasheet
141Kb / 5P
SnapLED
WP7700C4SEC/J KINGBRIGHT-WP7700C4SEC/J Datasheet
141Kb / 5P
SnapLED
WP7700C4SURC-G KINGBRIGHT-WP7700C4SURC-G Datasheet
413Kb / 5P
SnapLED
More results

Similar Description - WP7700C4QBC-D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7700C4SEC-J KINGBRIGHT-WP7700C4SEC-J Datasheet
141Kb / 5P
SnapLED
WP7700C4SURC-G KINGBRIGHT-WP7700C4SURC-G Datasheet
413Kb / 5P
SnapLED
WP7700C4VGC-Z KINGBRIGHT-WP7700C4VGC-Z Datasheet
417Kb / 5P
SnapLED
WP7700C4ZGC KINGBRIGHT-WP7700C4ZGC Datasheet
416Kb / 5P
SnapLED
WP7701C4SEC-J KINGBRIGHT-WP7701C4SEC-J Datasheet
459Kb / 5P
SnapLED
WP7701C4SURC-G KINGBRIGHT-WP7701C4SURC-G Datasheet
465Kb / 5P
SnapLED
WP7701C4SYC-J KINGBRIGHT-WP7701C4SYC-J Datasheet
458Kb / 5P
SnapLED
WP7701C4VGC-Z KINGBRIGHT-WP7701C4VGC-Z Datasheet
461Kb / 5P
SnapLED
WP7701C4ZGC KINGBRIGHT-WP7701C4ZGC Datasheet
460Kb / 5P
SnapLED
WP7701C4PBC-Z KINGBRIGHT-WP7701C4PBC-Z Datasheet
423Kb / 5P
SnapLED
WP7700C4PBC-Z KINGBRIGHT-WP7700C4PBC-Z Datasheet
364Kb / 5P
SnapLED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com