Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8441AA-D-IS1 Datasheet(PDF) 24 Page - Skyworks Solutions Inc.

Part # SI8441AA-D-IS1
Description  LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SI8441AA-D-IS1 Datasheet(HTML) 24 Page - Skyworks Solutions Inc.

Back Button SI8441AA-D-IS1 Datasheet HTML 20Page - Skyworks Solutions Inc. SI8441AA-D-IS1 Datasheet HTML 21Page - Skyworks Solutions Inc. SI8441AA-D-IS1 Datasheet HTML 22Page - Skyworks Solutions Inc. SI8441AA-D-IS1 Datasheet HTML 23Page - Skyworks Solutions Inc. SI8441AA-D-IS1 Datasheet HTML 24Page - Skyworks Solutions Inc. SI8441AA-D-IS1 Datasheet HTML 25Page - Skyworks Solutions Inc. SI8441AA-D-IS1 Datasheet HTML 26Page - Skyworks Solutions Inc. SI8441AA-D-IS1 Datasheet HTML 27Page - Skyworks Solutions Inc. SI8441AA-D-IS1 Datasheet HTML 28Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Si8440/41/42/45
24
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.7 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 11, 2021
3. Errata and Design Migration Guidelines
The following errata apply to Revision C devices only. See "5. Ordering Guide" on page 26 for more details. No
errata exist for Revision D devices.
3.1. Enable Pin Causes Outputs to Go Low (Revision C Only)
When using the enable pin (EN1, EN2) function on the 4-channel (Si8440/1/2) isolators, the corresponding output
pin states (pin = An, Bn, where n can be 1…4) are driven to a logic low (to ground) when the enable pin is disabled
(EN1 or EN2 = 0). This functionality is different from the legacy 4-channel (Si8440/1/2) isolators. On those devices,
the isolator outputs go into a high-impedance state (Hi-Z) when the enable pin is disabled (EN1 = 0 or EN2 = 0).
3.1.1. Resolution
The enable pin functionality causing the outputs to go low is supported in production for Revision C of the Si844x
devices. Revision D corrects the enable pin functionality (i.e., the outputs will go into the high-impedance state to
match the legacy isolator products). Refer to the Ordering Guide sections of the data sheet(s) for current ordering
information.
3.2. Power Supply Bypass Capacitors (Revision C and Revision D)
When using the Si844x isolators with power supplies > 4.5 V, sufficient VDD bypass capacitors must be present on
both the VDD1 and VDD2 pins to ensure the VDD rise time is less than 0.5 V/µs (which is > 9 µs for a > 4.5 V
supply). Although rise time is power supply dependent, > 1 µF capacitors are required on both power supply pins
(VDD1, VDD2) of the isolator device.
3.2.1. Resolution
For recommendations on resolving this issue, see "2.4.1. Supply Bypass" on page 21. Additionally, refer to "5.
Ordering Guide" on page 26 for current ordering information.
3.3. Latch Up Immunity (Revision C Only)
Latch up immunity generally exceeds ± 200 mA per pin. Exceptions: Certain pins provide < 100 mA of latch-up
immunity. To increase latch-up immunity on these pins, 100
 of equivalent resistance must be included in series
with all of the pins listed in Table 14. The 100
 equivalent resistance can be comprised of the source driver's
output resistance and a series termination resistor. The Si8441 is not affected when using power supply voltages
(VDD1 and VDD2) < 3.5 V.
3.3.1. Resolution
This issue has been corrected with Revision D of the device. Refer to “5. Ordering Guide” for current ordering
information.
Table 14. Affected Ordering Part Numbers (Revision C Only)
Affected Ordering Part Numbers*
Device
Revision
Pin#
Name
Pin Type
SI8440SV-C-IS/IS1, SI8441SV-C-IS/IS1,
SI8442SV-C-IS/IS1
C
6
A4
Input or Output
10
EN2
Input
14
B1
Output
SI8445SV-C-IS/IS1
C
6
A4
Input
14
B1
Output
*Note: SV = Speed Grade/Isolation Rating (AA, AB, BA, BB).


Similar Part No. - SI8441AA-D-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8441AA-D-IS1 SILABS-SI8441AA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
More results

Similar Description - SI8441AA-D-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
SI8441AB-D-IS SILABS-SI8441AB-D-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8441AA ETC2-SI8441AA Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
591Kb / 24P
   QUAD-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
ISO7142CC-Q1 TI1-ISO7142CC-Q1 Datasheet
998Kb / 26P
[Old version datasheet]   Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7142CC TI-ISO7142CC_15 Datasheet
954Kb / 26P
[Old version datasheet]   VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
   LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com