Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8172TB Datasheet(PDF) 9 Page - California Eastern Labs

Part # UPC8172TB
Description  SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC8172TB Datasheet(HTML) 9 Page - California Eastern Labs

Back Button UPC8172TB Datasheet HTML 4Page - California Eastern Labs UPC8172TB Datasheet HTML 5Page - California Eastern Labs UPC8172TB Datasheet HTML 6Page - California Eastern Labs UPC8172TB Datasheet HTML 7Page - California Eastern Labs UPC8172TB Datasheet HTML 8Page - California Eastern Labs UPC8172TB Datasheet HTML 9Page - California Eastern Labs UPC8172TB Datasheet HTML 10Page - California Eastern Labs UPC8172TB Datasheet HTML 11Page - California Eastern Labs UPC8172TB Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TEST CIRCUIT 2 (fRFout = 1.9 GHz)
EXAMPLE OF TEST CIRCUIT 2 ASSEMBLED ON EVALUATION BOARD
FORM
SYMBOL
VALUE
Chip Capacitor
C1, C2, C3
100 pF
C4
1000 pF
C5, C6
1 µF
C7
30 pF
C8
2.75 pF
Chip Inductor
L
470 nH1
Note:
1. 470 nH: LL2012-FR47 (TOKO Co., Ltd.)
COMPONENT LIST
(*1) 35 x 42 x 0.4 mm polymide board, double-sided copper clad
(*2) Ground pattern on rear of the board
(*3) Solder plated patterns
(*4) mm
m: Through holes
50 Ω
50 Ω
Signal Generator
Signal Generator
100 pF
100 pF
C1
C2
1
2
3
GND
LOinput
IFinput
RFoutput
VCC
PS
6
5
4
C8
C3
C4
C6
C7
C5
470 nH
1000 pF
1 µF
1 µF
30 pF
100 pF
100 pF
L
50 Ω
Spectrum Analyzer
VCC
Strip Line
2.75 pF
PS
C6
C7
C5
VCC
C3
C2
C1
GND
LOinput
IFinput
UPC8172TB
PS Bias
Voltage Supply
RFoutput
C4
UPC8172TB


Similar Part No. - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
UPC8172TB NEC-UPC8172TB Datasheet
121Kb / 8P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
Renesas Technology Corp
UPC8172TB RENESAS-UPC8172TB Datasheet
308Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC8172TB RENESAS-UPC8172TB Datasheet
419Kb / 34P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
logo
NEC
UPC8172TB-E3 NEC-UPC8172TB-E3 Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
More results

Similar Description - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
California Eastern Labs
UPC8187TB CEL-UPC8187TB Datasheet
266Kb / 9P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
NEC
UPC8187TB NEC-UPC8187TB Datasheet
121Kb / 8P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
ABA-32563 AVAGO-ABA-32563 Datasheet
302Kb / 7P
   2.5 GHz Broadband Silicon RFIC Amplifier
logo
Agilent(Hewlett-Packard...
ABA-32563 HP-ABA-32563 Datasheet
109Kb / 8P
   2.5 GHz Broadband Silicon RFIC Amplifier
logo
Broadcom Corporation.
ABA-32563 BOARDCOM-ABA-32563 Datasheet
302Kb / 7P
   2.5 GHz Broadband Silicon RFIC Amplifier
logo
TEMIC Semiconductors
U2891B TEMIC-U2891B Datasheet
64Kb / 6P
   2.5 GHz Quadrature Up-Converter
logo
Texas Instruments
TRF1122 TI-TRF1122 Datasheet
59Kb / 2P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
TRF1122 TI-TRF1122_07 Datasheet
343Kb / 10P
[Old version datasheet]   2.5-GHz Integrated Up-Converter
logo
NEC
UPC8163TB NEC-UPC8163TB Datasheet
133Kb / 16P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com