Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN009-100W Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PSMN009-100W
Description  TrenchMOS transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN009-100W Datasheet(HTML) 1 Page - NXP Semiconductors

  PSMN009-100W Datasheet HTML 1Page - NXP Semiconductors PSMN009-100W Datasheet HTML 2Page - NXP Semiconductors PSMN009-100W Datasheet HTML 3Page - NXP Semiconductors PSMN009-100W Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Philips Semiconductors
Objective specification
TrenchMOS
™ transistor
PSMN009-100W
FEATURES
SYMBOL
QUICK REFERENCE DATA
• ’Trench’ technology
• Very low on-state resistance
V
DSS = 100 V
• Fast switching
• High thermal cycling performance
I
D = 100 A
• Low thermal resistance
R
DS(ON) ≤ 9 mΩ
GENERAL DESCRIPTION
PINNING
SOT429 (TO247)
N-channel
enhancement
mode
PIN
DESCRIPTION
field-effect power transistor in a
plastic envelope using ’trench’
1
gate
technology. The device has very
low
on-state
resistance.
It
is
2
drain
intended for use in dc to dc
converters and general purpose
3
source
switching applications.
tab
drain
The PSMN009-100W is supplied in
the SOT429 (TO247) conventional
leaded package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DSS
Drain-source voltage
T
j = 25 ˚C to 175˚C
-
100
V
V
DGR
Drain-gate voltage
T
j = 25 ˚C to 175˚C; RGS = 20 kΩ
-
100
V
V
GS
Gate-source voltage
-
± 20
V
I
D
Continuous drain current
T
mb = 25 ˚C
-
100
1
A
T
mb = 100 ˚C
-
79
A
I
DM
Pulsed drain current
T
mb = 25 ˚C
-
300
A
P
D
Total power dissipation
T
mb = 25 ˚C
-
300
W
T
j, Tstg
Operating junction and
- 55
175
˚C
storage temperature
AVALANCHE ENERGY LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
E
AS
Non-repetitive avalanche
Unclamped inductive load, I
AS = 96 A;
-
1255
mJ
energy
t
p = 0.2 ms; Tj prior to avalanche = 25˚C;
V
DD ≤ 50 V; RGS = 50 Ω; VGS = 5 V
I
AS
Non-repetitive avalanche
-
100
A
current
d
g
s
2
3
1
1 Maximum continuous current limited by package.
February 1999
1
Rev 1.000


Similar Part No. - PSMN009-100W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
More results

Similar Description - PSMN009-100W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN020-150W PHILIPS-PSMN020-150W Datasheet
28Kb / 4P
   TrenchMOS transistor
February 1999 Rev 1.000
PHP14NQ20T PHILIPS-PHP14NQ20T Datasheet
64Kb / 10P
   TrenchMOS transistor
October 1999 Rev 1.000
BUK7540-100A NXP-BUK7540-100A Datasheet
93Kb / 8P
   TrenchMOS transistor
December 1999 Rev 1.000
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com