Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH32D72AKLA-10 Datasheet(PDF) 18 Page - Mitsubishi Electric Semiconductor

Part # MH32D72AKLA-10
Description  2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32D72AKLA-10 Datasheet(HTML) 18 Page - Mitsubishi Electric Semiconductor

Back Button MH32D72AKLA-10 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
MH32D72AKLA-10,-75
2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MIT-DS-0398-1.1
24.Nov.2000
Preliminary Spec.
Some contents are subject to change without notice.
18
AC TIMING REQUIREMENTS (Component Level)
(Ta=0 ~ 70
, Vdd = VddQ = 2.5 ± 0.2V, Vss = VssQ = 0V, unless otherwise noted)
ns
15
10
15
10
CL=2
tCK
0.35
0.35
DQ and DQS data Valid window
tDV
19
19
20
ns
+0.6
+0.5
DQS-DQ Skew(f or DQS and all DQ signals)
tDQSA
ns
min(tCL,t
CH
min(tCL,
tCH
CLK half period
tHP
tCK
0.55
0.45
0.55
0.45
CLK Low lev el width
tCL
CLK cyc le time
tCK
CL=2.5
16
15
14
14
AC Characteristics
-10
-75
1.1
0.9
1.1
0.9
0.6
0.4
0.6
0.4
1.2
0.9
1.2
0.9
0.25
0.25
0.6
0.4
0.6
0.4
0
0
15
15
0.2
0.2
0.2
0.2
0.35
0.35
0.35
0.35
1.25
0.75
1.25
0.75
tHP-1.0
tHP-0.75
+0.6
+0.5
+0.8
-0.8
+0.75
-0.75
+0.8
-0.8
+0.75
-0.75
2
1.75
tCK
tCK
ns
ns
tCK
tCK
ns
ns
tCK
tCK
tCK
tCK
tCK
ns
ns
ns
ns
ns
ns
ns
ns
0.6
0.5
0.6
0.5
15
8
15
7.5
tCK
0.45
0.55
0.45
+0.8
-0.8
+0.75
-0.75
+0.8
-0.8
+0.75
-0.75
Max.
Min.
Max.
Min.
Parameter
0.55
Read preamble
tRPRE
Read postamble
tRPST
tWPRE
Write preamble
tWPST
Write postamble
tWPRES
Write preamble setup time
Input Hold time (address and control)
tIH
tIS
Input Setup time (address and control)
tMRD
Mode Register Set command cyc le time
tDSH
DQS f alling edge hold time f rom CLK
tDSS
DQS f alling edge to CLK setup time
tDQSL
DQS input Low lev el width
tDQSH
DQS input High lev el width
tDQSS
Write command to f irst DQS latching transition
tQH
DQ/DQS output hold time f rom DQS
tDQSQ
DQS-DQ Skew(f or DQS and associated DQ signals)
Data-out-low impedance time f rom CLK//CLK
tLZ
tHZ
Data-out-high impedance time f rom CLK//CLK
tDIPW
DQ and DM input pulse width (f or each input)
Input Hold time(DQ,DM)
Input Setup time (DQ,DM)
tDS
tDH
tCH
CLK High lev el width
ns
DQ Output Valid data delay time f rom CLK//CLK
tDQSCK
DQ Output Valid data delay time f rom CLK//CLK
ns
tAC
Notes
Unit
Sym bol
C
O


Similar Part No. - MH32D72AKLA-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32D72AKLB-10 MITSUBISHI-MH32D72AKLB-10 Datasheet
358Kb / 40P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLB-75 MITSUBISHI-MH32D72AKLB-75 Datasheet
358Kb / 40P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
More results

Similar Description - MH32D72AKLA-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32D72AKLB-75 MITSUBISHI-MH32D72AKLB-75 Datasheet
358Kb / 40P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72KLH-75 MITSUBISHI-MH32D72KLH-75 Datasheet
342Kb / 39P
   2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
   2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32D64AKQJ-75 MITSUBISHI-MH32D64AKQJ-75 Datasheet
343Kb / 40P
   2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32D64KQH-75 MITSUBISHI-MH32D64KQH-75 Datasheet
350Kb / 40P
   2,147,483,648-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32S72AVJA-6 MITSUBISHI-MH32S72AVJA-6 Datasheet
953Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-7 MITSUBISHI-MH32S72DBFA-7 Datasheet
941Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6 MITSUBISHI-MH32S72VJA-6 Datasheet
935Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-6 MITSUBISHI-MH32S72DBFA-6 Datasheet
952Kb / 56P
   2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com