Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MH32D72AKLA-10 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MH32D72AKLA-10
Description  2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MH32D72AKLA-10 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MH32D72AKLA-10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH32D72AKLA-10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
MH32D72AKLA-10,-75
2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MIT-DS-0398-1.1
24.Nov.2000
Preliminary Spec.
Some contents are subject to change without notice.
1
DESCRIPTION
APPLICATION
Main memoryunit for PC, PC server
FEATURES
Type name
133MHz
MH32D72AKLA-10
MH32D72AKLA-75
- Utilizes industry standard 32M X 4 DDR Synchronous DRAMs
in TSOP package , industry standard Registered Buffer in
TSSOP package , and industry standard PLL in TSSOP package.
-
Vdd=Vddq=2.5v ±0.2V
- Double data rate architecture; two data transf ers per
clock cyc le
- Bidirectional, data strobe (DQS) is transmitted/receiv ed
with data
- Diff erential clock inputs (CLK and /CLK)
- data ref erenced to both edges of DQS
- /CAS latency - 2.0/2.5 (programmable)
- Burst length- 2/4/8 (programmable)
- Auto precharge / All bank precharge controlled by A10
- 4096 ref resh cyc les /64ms
- Auto ref resh and Self ref resh
- Row address A0-11 / Column address A0-9,11
- SSTL_2 Interf ace
- Module 1bank Conf igration
- Burst Ty pe - sequential/interleav e(programmable)
- Commands entered on each positiv e CLK edge
Max.
Frequency
100MHz
1pin
52pin
92pin
93pin
144pin
145pin
184pin
The MH32D72AKLA is 33554432 - word x 72-bit Double
Data Rate(DDR) Sy nchronous DRAM mounted module.
This consists of 18 industry standard 32M x 4 DDR
Sy nchronous DRAMs in TSOP with SSTL_2 interf ace which
achiev es v ery high speed data rate up to 133MHz.
This socket-ty pe memory m odule is suitable f or main
memory in computer systems and easy to interchange or
add modules.
CLK
Access Time
[component level]
53pin
+ 0.75ns
+ 0.8ns


Similar Part No. - MH32D72AKLA-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32D72AKLB-10 MITSUBISHI-MH32D72AKLB-10 Datasheet
358Kb / 40P
2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLB-75 MITSUBISHI-MH32D72AKLB-75 Datasheet
358Kb / 40P
2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
More results

Similar Description - MH32D72AKLA-10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH32D64AKQJ-75 MITSUBISHI-MH32D64AKQJ-75 Datasheet
343Kb / 40P
2,147,483,684-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32D64KQH-75 MITSUBISHI-MH32D64KQH-75 Datasheet
350Kb / 40P
2,147,483,648-BIT (33,554,432-WORD BY 64-BIT) Double Data Rate Synchronous DRAM Module
MH32D72AKLB-75 MITSUBISHI-MH32D72AKLB-75 Datasheet
358Kb / 40P
2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32D72KLH-75 MITSUBISHI-MH32D72KLH-75 Datasheet
342Kb / 39P
2,415,919,104-BIT (33,554,432-WORD BY 72-BIT) Double Data Rate Synchronous DRAM Module
MH32S72APHB-6 MITSUBISHI-MH32S72APHB-6 Datasheet
703Kb / 55P
2,415,919,104-BIT (33,554,432 - WORD BY 72-BIT)Synchronous DRAM
MH32S72AVJA-6 MITSUBISHI-MH32S72AVJA-6 Datasheet
953Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72BAFA-7 MITSUBISHI-MH32S72BAFA-7 Datasheet
778Kb / 54P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-6 MITSUBISHI-MH32S72DBFA-6 Datasheet
952Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72DBFA-7 MITSUBISHI-MH32S72DBFA-7 Datasheet
941Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
MH32S72VJA-6 MITSUBISHI-MH32S72VJA-6 Datasheet
935Kb / 56P
2,415,919,104-BIT ( 33,554,432-WORD BY 72-BIT ) Synchronous DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com