Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-1000 Datasheet(PDF) 38 Page - Jonard Tools.

Part # H-1000
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

H-1000 Datasheet(HTML) 38 Page - Jonard Tools.

Back Button H-1000 Datasheet HTML 34Page - Jonard Tools. H-1000 Datasheet HTML 35Page - Jonard Tools. H-1000 Datasheet HTML 36Page - Jonard Tools. H-1000 Datasheet HTML 37Page - Jonard Tools. H-1000 Datasheet HTML 38Page - Jonard Tools. H-1000 Datasheet HTML 39Page - Jonard Tools. H-1000 Datasheet HTML 40Page - Jonard Tools. H-1000 Datasheet HTML 41Page - Jonard Tools. H-1000 Datasheet HTML 42Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
38
CAN, BOOTH, LINESMAN WRENCHES
C
CA
AN
N SSO
OC
CK
KEETT W
WR
REEN
NC
CH
H
Double end can socket wrench, 3/8" and 7/16"
hex, orange plastic handle in either our
standard or ergonomic design. Used in placing
fuses in cable terminals and connecting wires to
fuses and binding posts.
The walls on both sockets are thin enough so
they can be used to work locking
devices on most terminals and cabinets. 7" long.
M
M--221166C
C//R
RX
X
M
M--221166C
CSS2222
M
M--221166C
C//EEX
X
M
M--221166C
C//R
REEX
X
LLIIN
NEEM
MA
AN
N’’SS B
B W
WR
REEN
NC
CH
H
Forged and heat treated, this wrench is used
on pole line hardware. It is open-end double-
end type with two sizes of openings at each
end and an oval hole for turning pole steps.
The end openings accommodate nuts for
3/8”, 1/2”, 5/8” and 3/4” bolts and the head
of the 1/2” drive screw. The faces of the
wrench openings are offset to provide handle
clearance. 13” Long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
JJIIC
C--665500
Lineman’s B Wrench
JJIIC
C--665500
B
BO
OO
OTTH
H W
WR
REEN
NC
CH
H
Tamperproof hex screwdriver, also known as
a booth wrench or security wrench.
It features a 1" diameter screwdriver handle,
5/32" hex shaft with a hole drilled in the tip
for use with security tamperproof screws
used for telephone and CATV applications.
BW-532 Booth Wrench is 9" long and the
BW-532-3 Booth Wrench is 6" long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
BW-532
Booth Wrench -Ergonomic design 9”
BW-532-3
Booth Wrench -Ergonomic design 6”
B
BW
W--553322
B
BW
W--553322--33
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
M-216C/EX
Ergonomic 1” Dia. Handle,
Hex Outer Socket
M-216C/REX
Ergonomic 1” Dia. Handle,
Round Outer Socket
M-216C/RX
Standard Handle,
Round Outer Socket
M-216CS22
Ergonomic 1” Dia. Handle, Hex Outer
Socket with 22 AWG Stripper Blade


Similar Part No. - H-1000

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-1000L STANLEY-H-1000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
More results

Similar Description - H-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
ST-100 ETC1-ST-100 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
WD-30-B ETC1-WD-30-B Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Molex Electronics Ltd.
1300940526 MOLEX-1300940526 Datasheet
104Kb / 1P
   SUPPORT GRIPS FOR FIBER OPTICS
2006/04/15
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com