Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-1000 Datasheet(PDF) 37 Page - Jonard Tools.

Part # H-1000
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

H-1000 Datasheet(HTML) 37 Page - Jonard Tools.

Back Button H-1000 Datasheet HTML 33Page - Jonard Tools. H-1000 Datasheet HTML 34Page - Jonard Tools. H-1000 Datasheet HTML 35Page - Jonard Tools. H-1000 Datasheet HTML 36Page - Jonard Tools. H-1000 Datasheet HTML 37Page - Jonard Tools. H-1000 Datasheet HTML 38Page - Jonard Tools. H-1000 Datasheet HTML 39Page - Jonard Tools. H-1000 Datasheet HTML 40Page - Jonard Tools. H-1000 Datasheet HTML 41Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
37
CATV WRENCHES
TORQUE WRENCH
Designed for “F” Connectors, these wrenches help prevent
over tightening. An audible click tells you the connection
has been properly achieved. These wrenches all have angle
heads, sized for 7/16” F connectors and are designed with
an ergonomic cushioned handle for user comfort and
protection. The last two digits of the part number indicate
the inch pounds of torque (either 20 or 30 inch pounds)
and the first four letters indicate whether the head is a
speed head or a full head (TWAF is full and TWAS is speed).
Note that these wrenches work in tightening mode only.
Torque wrenches are 6 1/2” long.
JONARD
P/N
DESCRIPTION
TWAF-71620
Torque Wrench Full Head 20 Inch Pounds
TWAS-71620
Torque Wrench Speed Head 20 Inch Pounds
TWAF-71630
Torque Wrench Full Head 30 Inch Pounds
TWAS-71630
Torque Wrench Speed Head 30 Inch Pounds
A
ASSW
W--771166
COMBINATION WRENCH
Wrench measures 7/16” at both the open end and box
end. Both ends have an angle offset (15°) to ease access
in confined areas. The box end offers 12 points of
contact. High gloss chrome finish and made of chrome
vanadium steel. Tool is 6 5/8” long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
CW-716
Combination Wrench
SPEED WRENCH DOUBLE ENDED
ASW-716 measures 7/16" at both ends. ASW-12
measures 1/2” at both ends and ASW-916 measures
9/16” at both ends. Speed head makes tightening and
loosening quick and easy, plus head is angled (15°) to
ease access. Speed wrenches are 6 1/2” long.
High gloss chrome finish, and made of high carbon alloy
steel.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
ASW-12
Speed Wrench double Ended 1/2”
ASW-716
Speed Wrench double Ended 7/16”
ASW-916
Speed Wrench double Ended 9/16”
C
CW
W--771166
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
TTW
WA
AFF--7711662200
TTW
WA
ASS--7711662200


Similar Part No. - H-1000

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-1000L STANLEY-H-1000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
More results

Similar Description - H-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
ST-100 ETC1-ST-100 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
WD-30-B ETC1-WD-30-B Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Molex Electronics Ltd.
1300940526 MOLEX-1300940526 Datasheet
104Kb / 1P
   SUPPORT GRIPS FOR FIBER OPTICS
2006/04/15
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com