Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-1000 Datasheet(PDF) 30 Page - Jonard Tools.

Part # H-1000
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

H-1000 Datasheet(HTML) 30 Page - Jonard Tools.

Back Button H-1000 Datasheet HTML 26Page - Jonard Tools. H-1000 Datasheet HTML 27Page - Jonard Tools. H-1000 Datasheet HTML 28Page - Jonard Tools. H-1000 Datasheet HTML 29Page - Jonard Tools. H-1000 Datasheet HTML 30Page - Jonard Tools. H-1000 Datasheet HTML 31Page - Jonard Tools. H-1000 Datasheet HTML 32Page - Jonard Tools. H-1000 Datasheet HTML 33Page - Jonard Tools. H-1000 Datasheet HTML 34Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
30
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
CURVED NOSE & PUMP PLIERS
PUMP PLIERS
Manufactured with a secure tongue and groove
design for a non-slip grip (even under heavy
pressure).
The jaws provide a wide range of openings with a
smooth, positive interlock between halves. Handles
are plastic coated,but are not insulated and do not
protect against electric shock.
JONARD
P/N
DESCRIPTION
JJIIC
C--55002266
Pump Pliers 6” long
JJIIC
C--5500221100
Pump Pliers 10” long
JJIIC
C--5500221122
Pump Pliers 12” long
JJIIC
C--55002266
JJIIC
C--5500221100
JJIIC
C--33338855
JJIIC
C--33002266
CURVED LONG NOSE PLIER
Nose is bent 70° for maximum visibility. Used in
confined areas. Design includes knurled jaws for sure
wrapping and looping. Comfortable ergonomic
handles. Length 6 3/8" with yellow plastic handle.
CURVED NEEDLE NOSE PLIER
Nose is bent 60° for maximum visibility. Used in
confined areas for bending and forming fine wire.
Inside jaws and jaw edges are polished to prevent
nicking the wire. Plier has a spring loaded ergonomic
design. Length 5 1/2" with a dark blue plastic
handle.
JONARD
P/N
DESCRIPTION
JJIIC
C--33002266
Curved Long Nose Plier
JONARD
P/N
DESCRIPTION
JJIIC
C--33338855
Curved Needle Nose Plier


Similar Part No. - H-1000

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-1000L STANLEY-H-1000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
More results

Similar Description - H-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
ST-100 ETC1-ST-100 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
WD-30-B ETC1-WD-30-B Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Molex Electronics Ltd.
1300940526 MOLEX-1300940526 Datasheet
104Kb / 1P
   SUPPORT GRIPS FOR FIBER OPTICS
2006/04/15
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com