Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-1000 Datasheet(PDF) 23 Page - Jonard Tools.

Part # H-1000
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

H-1000 Datasheet(HTML) 23 Page - Jonard Tools.

Back Button H-1000 Datasheet HTML 19Page - Jonard Tools. H-1000 Datasheet HTML 20Page - Jonard Tools. H-1000 Datasheet HTML 21Page - Jonard Tools. H-1000 Datasheet HTML 22Page - Jonard Tools. H-1000 Datasheet HTML 23Page - Jonard Tools. H-1000 Datasheet HTML 24Page - Jonard Tools. H-1000 Datasheet HTML 25Page - Jonard Tools. H-1000 Datasheet HTML 26Page - Jonard Tools. H-1000 Datasheet HTML 27Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
PUNCHDOWN TOOLS
Insulation displacement connections to properly seat and trim wires used with connectors. Make
effortless and uniform connections.
A REVOLUTIONARY ERGONOMIC DESIGN GUARANTEEING OPERATOR SAFETY & EFFICIENCY
E P B -
1000
Battery Punchdown Tool
Ergonomically designed for worker safety
Over 1,000 impacts between charges
Hi/Low impact settings
90˚ Blade orientation adjustment
Quick-easy blade lock and release
Lightweight
Measures 7.50”L x 6.75”H x 1.37”W
• Patented
Quick, easy blade
lock & release
Ergonomically designed handle
Ability to rotate blade
in 90˚ increments
Hi/Low impact settings
Rugged construction
Short-throw
trigger
EPB-66
EPB-110
EPB-KR
EPB-1000 TOOLS AND KITS
ITEM
DESCRIPTION
EPB-1000
Battery Punchdown Tool (Battery Not Included)
EPB-KIT1
Battery Punchdown Tool 115V Charger, Battery, plus 66 & 110 Blades
EPB-KIT2
Battery Punchdown Tool 230V Charger, Battery, plus 66 & 110 Blades
EPB-1000 ACCESSORIES
PART
NUMBER
DESCRIPTION
EPB-B
EPB-1000 NiMH Battery 3.6V
EPB-BC1
EPB-1000 115V Battery Charger
EPB-BC2
EPB-1000 230V Battery Charger
EPB STANDARD DOUBLE-ENDED BLADES
PART
NUMBER
DESCRIPTION
EPB-66
66 Blade with & without cutter
EPB-110
110 Blade with & without cutter
EPB-KR
Krone Blade with & without cutter
EPB-500
Manual Punchdown Tool
EPB-500 TOOLS AND KITS
ITEM
DESCRIPTION
EPB-500
Punchdown Tool
EPB-KIT66
Punchdown Tool Plus 1 Blade (EPB-66)
EPB-KIT110
Punchdown Tool Plus 1 Blade (EPB-110)
EPB-KIT66110
Punchdown Tool Plus 2 Blades (EPB-66, EPB-110)
Storage compartment
holds 2 blades
Quick, easy blade
lock & release
Ergonomic handle with
soft overmolded grip
Flared front prevents
slipping of hand
PATENTED
23
High/low impact
adjustment dial


Similar Part No. - H-1000

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-1000L STANLEY-H-1000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
More results

Similar Description - H-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
ST-100 ETC1-ST-100 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
WD-30-B ETC1-WD-30-B Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Molex Electronics Ltd.
1300940526 MOLEX-1300940526 Datasheet
104Kb / 1P
   SUPPORT GRIPS FOR FIBER OPTICS
2006/04/15
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com