Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-1000 Datasheet(PDF) 18 Page - Jonard Tools.

Part # H-1000
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

H-1000 Datasheet(HTML) 18 Page - Jonard Tools.

Back Button H-1000 Datasheet HTML 14Page - Jonard Tools. H-1000 Datasheet HTML 15Page - Jonard Tools. H-1000 Datasheet HTML 16Page - Jonard Tools. H-1000 Datasheet HTML 17Page - Jonard Tools. H-1000 Datasheet HTML 18Page - Jonard Tools. H-1000 Datasheet HTML 19Page - Jonard Tools. H-1000 Datasheet HTML 20Page - Jonard Tools. H-1000 Datasheet HTML 21Page - Jonard Tools. H-1000 Datasheet HTML 22Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
18
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
A revolutionary concept for easy and clean stripping of wires for wire
wrapping, electronic and appliance applications. Biomechanically
designed for maximum efficiency.
Easy to operate... place wire (up to 4) in stripping slot with ends
extending beyond cutter blades... press tool and pull... wire is cut and
stripped to proper “wire wrapping” length. The hardened steel
cutting blades and sturdy construction of the tool ensure long life.
Strip length easily adjustable for your application. Blades are made
from specially tempered spring steel for clean, nick-free wire
stripping.
The JIC-1022 Wire Stripper and Cutter is designed to strip
and cut the most commonly used stranded and solid wire
gauges 10 to 22 AWG and 1.6-3 mm fiber jackets. The JIC-
1626 Wire Stripper and Cutter is designed for 16 to 26 AWG
wire. The JIC-2030 Wire Stripper and Cutter is designed for
20-30 AWG wire.
Other features include a coil spring opening to reduce
fatigue, wire looping, bending holes conveniently located,
black oxide finish, locking mechanism, and cutting surfaces
that are hardened, tempered and ground for superior
performance. 6 3/4” long and weighing just 4.5 ounces.
Part No.
Wire Size
Adjustable Strip-Off Length
Replacement
AWG
mm
Inches
mm
Blade
ST-100
22-24 0.65-0.50 1 5/16” to 1 9/16” 33.33 to 39.68
SB-2224
ST-100-2426
24-26 0.50-0.40 1 15/16” to 1 11/16” 39.68 to 42.86
SB-2426
ST-100-2830
28-30 0.32-0.25
7/8” to 1 1/8”
22.22 to 28.57
SB-2830
COPPER WIRE CUT & STRIP TOOLS
W I R E C U T
- AND - S T R I P T O O L S - ST - 100 SERIES
WIRE STRIPPER AND CUTTER
Part No.
Description
JIC-1022
Wire Stripper and Cutter 10-22 AWG
JIC-1626
Wire Stripper and Cutter 16-26 AWG
JIC-2030
Wire Stripper and Cutter 20-30 AWG


Similar Part No. - H-1000

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-1000L STANLEY-H-1000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
More results

Similar Description - H-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
ST-100 ETC1-ST-100 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
WD-30-B ETC1-WD-30-B Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Molex Electronics Ltd.
1300940526 MOLEX-1300940526 Datasheet
104Kb / 1P
   SUPPORT GRIPS FOR FIBER OPTICS
2006/04/15
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com