Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-1000 Datasheet(PDF) 15 Page - Jonard Tools.

Part # H-1000
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

H-1000 Datasheet(HTML) 15 Page - Jonard Tools.

Back Button H-1000 Datasheet HTML 11Page - Jonard Tools. H-1000 Datasheet HTML 12Page - Jonard Tools. H-1000 Datasheet HTML 13Page - Jonard Tools. H-1000 Datasheet HTML 14Page - Jonard Tools. H-1000 Datasheet HTML 15Page - Jonard Tools. H-1000 Datasheet HTML 16Page - Jonard Tools. H-1000 Datasheet HTML 17Page - Jonard Tools. H-1000 Datasheet HTML 18Page - Jonard Tools. H-1000 Datasheet HTML 19Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
To switch from wire wrapping to unwrapping takes
only seconds - just a quick change of the cap from
one end to the other.
H
H A
A N
N D
D W
W R
R A
A PP PP II N
N G
G A
A N
N D
D U
U N
N W
W R
R A
A PP PP II N
N G
G TT O
O O
O LL SS
HAND WRAPPING AND
UNWRAPPING TOOLS
H
H A
A N
N D
D W
W R
R A
A PP PP II N
N G
G A
A N
N D
D
U
U N
N W
W R
R A
A PP PP II N
N G
G TT O
O O
O LL SS
These Hand Wrapping and Unwrapping Tools are
carefully designed to produce perfect wire wrapped
connections. Precision, long-lasting tools for use
where occasional wraps are required or where
power wire-wrapping tools are not practical.
Compact and convenient.
15
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
Max.
Terminal
Terminal
Terminal
Terminal
Part
Wire Size
Insulation
Hole
Hole
Outside
Wire Size
Hole
Hole
Outside
Number
Reg Mod
Diameter
Diameter
Depth
Diameter
Diameter
Depth
Diameter
AWG
mm
In. mm
In.
mm
In.
mm
In.
mm AWG
mm
In.
mm
In. mm
In.
mm
HW-UW-18-19
G
18-19 1.00-0.91
-
-
.075
1.90 1.000
25.40 .250
6.35 18-19 1.00-0.91 .075
1.90
1.000 25.40
.187
4.74
HW-UW-20
G
20
0.80
-
-
.075
1.90 1.000
25.40 .218
6.35 20-26 1.00-0.91 .070
1.77
1.000 25.40
.156
3.96
HW-UW-224
G
22-24 0.65-0.50
-
-
.075
1.90 .807
20.50 .218
5.53 20-26 0.80-0.40 .070
1.77
1.000 25.40
.156
3.96
HW-UW-224-1
G
22-24 0.65-0.50
-
-
.075
1.90 1.000
25.40 .218
5.53 20-26 0.80-0.40 .070
1.77
1.000 25.40
.156
3.96
HW-UW-2426
G
24-26 0.50-0.40
-
-
.075
1.90 .750
19.05 .218
5.53 20-26 0.80-0.40 .070
1.77
1.000 25.40
.156
3.96
HW-UW-26
G
26
0.40
-
-
.075
1.90 1.000
25.40 .218
5.53 20-26 0.80-0.40 .070
1.77
1.000 25.40
.156
3.96
HW-UW-26SM*
G
26
0.40
.031 0.79
.040
1.02 .750
19.05 .125
3.17 24-32 0.50-0.20 .038
0.96
1.000 25.40
.093
2.36
HW-UW-2829M*
G
28-29 0.32-0.29 .036 0.91
.040
1.02 .750
19.05 .156
3.96 24-32 0.50-0.20 .038
0.96
1.000 25.40
.093
2.36
HW-UW-30*
G
30
0.25
.027 0.69
.036
0.91 .750
19.05 .125
3.17 24-32 0.50-0.20 .038
0.96
1.000 25.40
.093
2.36
WRAPPING S I D E
U N W R A P P I N G S I D E
*These tools are recommended for .025" (0.63mm) square terminals on .100" (2.54mm) centers. A modified wrap provides 1.5 – 2 turns of insulation.


Similar Part No. - H-1000

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-1000L STANLEY-H-1000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
More results

Similar Description - H-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
ST-100 ETC1-ST-100 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
WD-30-B ETC1-WD-30-B Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Molex Electronics Ltd.
1300940526 MOLEX-1300940526 Datasheet
104Kb / 1P
   SUPPORT GRIPS FOR FIBER OPTICS
2006/04/15
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com