Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-1000 Datasheet(PDF) 12 Page - Jonard Tools.

Part # H-1000
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

H-1000 Datasheet(HTML) 12 Page - Jonard Tools.

Back Button H-1000 Datasheet HTML 8Page - Jonard Tools. H-1000 Datasheet HTML 9Page - Jonard Tools. H-1000 Datasheet HTML 10Page - Jonard Tools. H-1000 Datasheet HTML 11Page - Jonard Tools. H-1000 Datasheet HTML 12Page - Jonard Tools. H-1000 Datasheet HTML 13Page - Jonard Tools. H-1000 Datasheet HTML 14Page - Jonard Tools. H-1000 Datasheet HTML 15Page - Jonard Tools. H-1000 Datasheet HTML 16Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
The insulated sleeves are covered with a material that
provides 1000V dielectric strength which helps to prevent
shorting between pins and enhances worker safety.
SPECIALIZED BITS & SLEEVES
3 ” B i t s a n d I n s u l a t e d S l e e v e s
5 ” B i t s a n d S l e e v e s ( E x t e n d e d L e n g t h )
I n s u l a t e d a n d N o n I n s u l a t e d S l e e v e s
Minimum
Maximum
Terminal
Terminal
Bit
Sleeve
Wire Size
Regular
Terminal
Terminal
Hole
Effective
Hole
Part No.
Part No.
Diagonal
Diagonal
Depth
Radius
Diameter
AWG
mm
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
KB22
P2224INS
22
0.65
G
.054
1.37
.073
1.85
.750
19.05
.117
2.97
.075 1.90
KB224
P2224INS
22-24 0.50-0.65
G
.054
1.37
.073
1.85
.807
20.50
.111
2.82
.075 1.90
KB24
P2426INS
26
0.50
G
.055
1.39
.074
1.87
.750
19.05
.100
2.54
.075 1.90
KB26
P2426INS
26
0.40
G
.058
1.47
.073
1.85
1.000
25.40
.100
2.54
.075 1.90
KB3032
P3032INS
30-32
0.32
G
.034
0.86
.038
0.96
0.750
19.05
.064
1.62
.040 1.02
Insulated
Uninsulated
Minimum
Maximum
Terminal
Terminal
Bit
Sleeve
Sleeve
Wire Size
Regular
Terminal
Terminal
Hole
Effective
Hole
Part No.
Part No.
Part No.
Diagonal
Diagonal
Depth
Radius
Diameter
AWG mm
In.
mm
In.
mm
In.
mm
In.
mm
In.
KB22-5
P2224-5INS
P2224-5
22
0.65
G
.054
1.37
.073
1.85
.750 19.05
.117
2.97
.075
1.90
KB24-5
P2426-5INS
P2426-5
24
0.50
G
.055
1.39
.073
1.85
.750 19.05
.100
2.54
.075 1.90
KB26-5
P2426-5INS
P2426-5
26
0.40
G
.058
1.47
.073
1.85
.750 19.05
.100
2.54
.075 1.90
These bits and sleeves are designed for wire wrapping in
areas requiring deep penetration. Their 5" (127mm)
length ensures “true” connections in hard-to-get-at
locations. Available with or without insulation.
Enjoy the convenience of pre-assembled sets with
insulated color-coded sleeves for easy identification of
wire sizes based on color.
P2426-5INS
KB24-5
3 ” B i t & S l e e v e S e t s W ith
I n s u l a t e d C o l o r C o d e d S l e e v e s
Sleeve
Maximum
Minimum
Maximum
Terminal
Terminal
Bit
Part No.
Wire Size
Regular
Modified
Insulation
Terminal
Terminal
Hole
Effective
Hole
Part No. Color
Diameter
Diagonal
Diagonal
Depth
Radius
Diameter
AWG
mm
In.
mm
In.
mm
In.
mm
In.
mm
In. mm
In. mm
KB22
P2224INS
22
0.65
G
.054
1.37
.073
1.85
.750 19.05 .117 2.97
.075
1.90
Blue
KB224
P2224INS
22-24 0.65-0.50
G
.054
1.37
.073
1.85
.807 20.05 .111 2.82
.075
1.90
Blue
KB24
SW-2426
24
0.50
G
.055
1.39
.074
1.87
.750 19.05 .100 2.54
.075
1.90
Yellow
KB26
P2426-G-INS 26
0.40
G
.058
1.47
.073
1.85 1.000 25.40 .100 2.54
.075
1.90
Green
WB26SM P26LN-R-INS 26
0.40
G
.031
0.79
.023
0.58
.038
0.96
.750 19.05 .750 1.90
.040
1.02
Red
Kit
Number
KT22B
KT224B
KT24Y
KT26G
KT26R
12
KB22
P2224INS
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
mm


Similar Part No. - H-1000

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-1000L STANLEY-H-1000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
More results

Similar Description - H-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
ST-100 ETC1-ST-100 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
WD-30-B ETC1-WD-30-B Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Molex Electronics Ltd.
1300940526 MOLEX-1300940526 Datasheet
104Kb / 1P
   SUPPORT GRIPS FOR FIBER OPTICS
2006/04/15
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com