Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-1000 Datasheet(PDF) 11 Page - Jonard Tools.

Part # H-1000
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

H-1000 Datasheet(HTML) 11 Page - Jonard Tools.

Back Button H-1000 Datasheet HTML 7Page - Jonard Tools. H-1000 Datasheet HTML 8Page - Jonard Tools. H-1000 Datasheet HTML 9Page - Jonard Tools. H-1000 Datasheet HTML 10Page - Jonard Tools. H-1000 Datasheet HTML 11Page - Jonard Tools. H-1000 Datasheet HTML 12Page - Jonard Tools. H-1000 Datasheet HTML 13Page - Jonard Tools. H-1000 Datasheet HTML 14Page - Jonard Tools. H-1000 Datasheet HTML 15Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
3” B I T S A N D S L E E V E S C H A R T METRIC
BITS & SLEEVES WIRE WRAPPING
Fully compatible with any make or model wire wrapping tool. Modified bits provide 1 1/2–2 turns of insulation.
11
*These tools are recommended for .025" square terminals on .100” center to center of the pins
† Provides 2.5 turns of insulation
Maximum
Minimum
Maximum
Terminal
Terminal
Wire
Bit
Sleeve
Insulation
Terminal
Terminal
Hole
Effective
Hole
Gauge
Regular
Modified
Part No.
Part No.
Diameter
Diagonal
Diagonal
Depth
Radius
Diameter
mm
mm
mm
mm
mm
mm
mm
1.00
G
KB18
P194LN
1.52
1.85
25.40
3.81
1.90
0.80
G
WB20M
P194LN
1.50
1.07
1.85
25.40
3.81
1.90
0.65-0.80
G
KB2075
P2224
1.07
1.85
25.40
3.12
1.90
0.65
G
KB22
P2224
1.37
1.85
19.05
2.97
1.90
0.65
G
WB2275M
P2224
1.32
1.24
1.87
25.40
3.35
1.90
0.50-0.65
G
KB224LH
P2224
1.54
2.15
25.40
2.97
2.18
0.50-0.65
G
KB224-1
P2224
1.37
1.85
25.40
2.82
1.90
0.50-0.65
G
KB224
P2224
1.37
1.85
20.50
2.82
1.90
0.50-0.65
G
WB224M
P2224
1.27
1.24
1.87
31.75
3.07
1.90
0.50
G
WB24DH
P2224
1.17
1.37
1.85
44.50
2.97
1.90
0.50
G
KB24
P2426
1.39
1.87
19.05
2.54
1.90
0.50
G
WB24SM*
P3032LN
1.11
0.60
1.09
19.05
2.48
1.11
0.40-0.50
G
WB2426M
P2224
1.17
1.37
1.85
19.05
2.99
1.90
0.40
G
KB26
P2426
1.47
1.85
25.40
2.54
1.90
0.40
G
WB26SM*
P26LN
0.79
0.58
0.96
19.05
1.90
1.02
0.40
G
WB26M
P2224
1.17
1.37
1.85
25.40
2.99
1.90
0.40
G
WB2644M*
P3032LN
1.17
0.60
1.09
19.05
2.48
1.11
0.40
G
WB2669M
P2426
1.04
1.34
1.72
25.40
2.77
1.75
0.32
G
WB2870M
P2426
0.86
1.35
1.72
25.40
2.61
1.78
0.32
G
WB28SHM*
P3032
0.76
0.79
0.89
19.05
1.67
0.91
0.25
G
SB30MSH-B*
P3032
0.69
0.79
0.89
19.05
1.62
0.91
0.25
G
SB30MMK*
P3032
0.58
0.79
0.89
19.05
1.62
0.91
0.20-0.25
G
WB3032M*
P3032
0.69
0.86
0.96
19.05
1.62
1.02
30-32
G
WB3032MIL†
P3032
0.69
0.86
0.96
19.05
1.62
1.02
0.20-0.25
G
KB3032
P3032
-
0.86
0.96
19.05
1.62
1.02


Similar Part No. - H-1000

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-1000L STANLEY-H-1000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
More results

Similar Description - H-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
ST-100 ETC1-ST-100 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
WD-30-B ETC1-WD-30-B Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Molex Electronics Ltd.
1300940526 MOLEX-1300940526 Datasheet
104Kb / 1P
   SUPPORT GRIPS FOR FIBER OPTICS
2006/04/15
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com