Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-1000 Datasheet(PDF) 9 Page - Jonard Tools.

Part # H-1000
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

H-1000 Datasheet(HTML) 9 Page - Jonard Tools.

Back Button H-1000 Datasheet HTML 5Page - Jonard Tools. H-1000 Datasheet HTML 6Page - Jonard Tools. H-1000 Datasheet HTML 7Page - Jonard Tools. H-1000 Datasheet HTML 8Page - Jonard Tools. H-1000 Datasheet HTML 9Page - Jonard Tools. H-1000 Datasheet HTML 10Page - Jonard Tools. H-1000 Datasheet HTML 11Page - Jonard Tools. H-1000 Datasheet HTML 12Page - Jonard Tools. H-1000 Datasheet HTML 13Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
The combination of the G100/R3394CT unwrap tool and the PUW unwrap bit &
sleeve set gives you the best tool for high speed wire unwrapping. High
production, long life, low maintenance. Use Unwrap Set PUW2226 for wire
AWG 20 thru 26 (0.80 thru 0.40mm).
Unwrap Bit
Unwrap Sleeve
Bit and Sleeve Set
Wire Size
Terminal Hole Diameter
Part No.
Part No.
Set No.
AWG
mm
Inches
mm
2026UB
SOK2230
PUW2226
20-26
0.80-0.40
.070
1.77
G100/R3394CT
G100/R3278FL
I
G100/R3394CT : Manual Wire Unwrapping Tool
(See bit & sleeve listed below)
MANUAL WIRE U N W R A P P I N G T O O L
G100-FL
G100-FLA
Add the convenience of task lighting to your wire
wrapping gun with this Wire Wrapping Flashlight Kit.
Compatible with all wire wrapping tools.
This LED Flashlight Kit uses a standard AAA battery
(included). Mounted on a bracket, this attachment
installs in minutes and provides task lighting for those
poorly lit areas. Flashlight is positioned for both 3"
and 5" bits & sleeves so No Adjustments are necessary.
9
This tool combines the rugged durability of all metal construction with
an insulative material that provides 1000V dielectric strength across most of the housing, and an LED
flashlight for task lighting...No more working in the dark! The flashlight uses a standard AAA battery, which
can be easily changed. Flashlight is positioned for both 3” and 5” bits and sleeves so no adjustments are
necessary.
The G100/R3278FL provides up to ten revolutions per squeeze of the trigger, and can accommodate wire sizes from
18-32 AWG. This hand operated wire-wrapping tool uses interchangeable bits and sleeves. And when you use our
insulated sleeves, shorting between the pins of the main frame and other equipment is minimized.
MANUAL WIRE WRAPPING &
UNWRAPPING TOOLS
Part No.
Construction
For Use With
G100-FL
Metal
G100/R3278, G100/R3278INS, WG-350, WG-350INS
G100-FLA
Plastic
Universal-for use with most manual wire wrapping guns
W I R E W R A P P I N G F L A S H L I G H T K I T
I N S U L AT E D M A N U A L W I R E W R A P P I N G T O O L W I T H L E D F L A S H L I G H T


Similar Part No. - H-1000

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-1000L STANLEY-H-1000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
More results

Similar Description - H-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
ST-100 ETC1-ST-100 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
WD-30-B ETC1-WD-30-B Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Molex Electronics Ltd.
1300940526 MOLEX-1300940526 Datasheet
104Kb / 1P
   SUPPORT GRIPS FOR FIBER OPTICS
2006/04/15
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com