Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-1000 Datasheet(PDF) 6 Page - Jonard Tools.

Part # H-1000
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

H-1000 Datasheet(HTML) 6 Page - Jonard Tools.

Back Button H-1000 Datasheet HTML 2Page - Jonard Tools. H-1000 Datasheet HTML 3Page - Jonard Tools. H-1000 Datasheet HTML 4Page - Jonard Tools. H-1000 Datasheet HTML 5Page - Jonard Tools. H-1000 Datasheet HTML 6Page - Jonard Tools. H-1000 Datasheet HTML 7Page - Jonard Tools. H-1000 Datasheet HTML 8Page - Jonard Tools. H-1000 Datasheet HTML 9Page - Jonard Tools. H-1000 Datasheet HTML 10Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
PTX SERIES BATTERY
W I R E W R A P P I N G
& UNWRAPPING TOOLS
B A T T E R Y
P O W E R E D
LONG
- L I F E N I M H B A T T E R Y
For a complete listing of bits and sleeves- see pages 7, 10-12
PTX-B
PTX-BC1
H-1000
6
DFB224
The Patented PTX Series Wire Wrapping Tools from OK Industries
bring revolutionary new benefits to installers, telecom technicians
and other users. With worker safety in mind, we consulted a
certified ergonomist and created an ergonomic tool, which
includes a lightweight, well-balanced construction, dual-finger
short-throw trigger, and a long handle to mitigate pressure on the
palm. These features help to prevent repetitive stresses and result
in an industry-leading design from a comfort and safety
standpoint. Ask for the PTX Series Wire Wrapping Tools from OK
Industries — and arm your workers with the tools that offer
efficiency and worker safety in your interconnect activity.
KEY FEATURES
I
Ergonomic Design — Minimizes Repetitive Stress
I
Rugged Construction
I
Wraps and Unwraps 18 to 30 AWG Wire
I
Rated Maximum Usage: 2,500 cycles/day
I
For Bits & Sleeves: see Pages 7, 10-12
Part No.
Description
Weight
Voltage
RPM
PTX
Battery Wrap/Unwrap Tool (Battery not included)
1.1 lb.
3.6V*
3700
PTX-KIT1
115V battery tool kit (tool, charger, 2 batteries)
3.5 lb.
3.6V*
3700
PTX-KIT1DH
PTX-KIT1 w/DFB224 and H-1000
3.6 lb.
3.6V*
3700
PTX-KIT2
230V battery tool kit (tool, charger, 2 batteries)
3.5 lb.
3.6V*
4200
* Powered by long-life NiMH battery
ORDERING INFORMA TION AND PRODUCT SPECIFICA TIONS
Low Battery Indicator
High Power Motor
Reverses for
Unwrapping
Permanently
Attached
Collet Nut
Ergonomic,
Rugged
Tool Design
Wrap
Unwrap
Switch
PATENTED
ACCESSORIES
I
PTX-B
PTX Battery, 3.6V
I
PTX-BC1
115V Battery Charger
I
PTX-BC2
230V Battery Charger
I
H-1000
Cordura Tool Pouch
I
DFB224
Wrap/Unwrap Bit & Sleeve Set
I
DFB2426 Wrap/Unwrap Bit & Sleeve Set


Similar Part No. - H-1000

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-1000L STANLEY-H-1000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
More results

Similar Description - H-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
ST-100 ETC1-ST-100 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
WD-30-B ETC1-WD-30-B Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Molex Electronics Ltd.
1300940526 MOLEX-1300940526 Datasheet
104Kb / 1P
   SUPPORT GRIPS FOR FIBER OPTICS
2006/04/15
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com