Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-1000 Datasheet(PDF) 50 Page - Jonard Tools.

Part # H-1000
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

H-1000 Datasheet(HTML) 50 Page - Jonard Tools.

Back Button H-1000 Datasheet HTML 44Page - Jonard Tools. H-1000 Datasheet HTML 45Page - Jonard Tools. H-1000 Datasheet HTML 46Page - Jonard Tools. H-1000 Datasheet HTML 47Page - Jonard Tools. H-1000 Datasheet HTML 48Page - Jonard Tools. H-1000 Datasheet HTML 49Page - Jonard Tools. H-1000 Datasheet HTML 50Page - Jonard Tools. H-1000 Datasheet HTML 51Page - Jonard Tools. H-1000 Datasheet HTML 52Page - Jonard Tools.  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
50
FORCE GAUGES TENSION
PUSH-PULL GAUGES
Measurement is extremely simple. Just place point of gauge arm perpendicular to the force to be measured.
Reading can be taken in both directions - clockwise and counter-clockwise. Gauges offer extreme precision and
durability. The measuring springs are made of hard tempered annealed beryllium copper. All gauges equipped with
maximum reading pointer. Tolerance ± .01 (Reading + Maximum Scale Reading.)
Jonard force gauges are all ergonomically designed and have become the industry standard for measuring force. Our 3
different lines of force gauges are used by a multitude of industries and these gauges are being used in over 1000
different applications for measuring, calibrating, standardizing, testing and evaluating.
PPU
USSH
H--PPU
ULLLL PPR
REEC
CIISSIIO
ON
N TTEEN
NSSIIO
ON
N G
GA
AU
UG
GEE
Precision, compact tubular-type
mechanical force gauge slender shape
permits its use in confined areas. Gauge is
graduated in two scales: grams and
ounces. Precision springs individually are
calibrated. Full scale accuracy and
permanent calibration is held to ± 1
graduation. Construction is brass with
satin chrome finish. Size: 1/2" diameter x
15" long.
JJO
ON
NA
AR
RD
D
A
AV
VO
OIIR
RD
DU
UPPO
OIISS M
MEETTR
RIIC
C
PP//N
N
C
CA
APPA
AC
CIITTY
Y
C
CA
APPA
AC
CIITTY
Y
G
GPPPP--88
8 oz. x 0.25 oz 220 g x 5 g
G
GPPPP--3366
36 oz. x 0.5 oz. 1,020 g x 20 g
G
GPPPP--7722
72 oz. x 1 oz.
2,025 g x 25 g
G
GPPPP--1155
15 lb. x 4 oz.
6,804 x 100 g
JJO
ON
NA
AR
RD
D
A
AV
VO
OIIR
RD
DU
UPPO
OIISS M
MEETTR
RIIC
C
PP//N
N
C
CA
APPA
AC
CIITTY
Y
C
CA
APPA
AC
CIITTY
Y
G
GPPPP--55
1 lb X 1 oz.
500 g X 50 g
EEC
CO
ON
NO
OM
MY
Y PPU
USSH
H--PPU
ULLLL TTEEN
NSSIIO
ON
N G
GA
AU
UG
GEESS
These high impact polystyrene cased
instruments accurately measure push pull
forces. Gauge is graduated in two scales:
grams and ounces. Precision springs. Full
scale accuracy is held to ± 1 graduation.
Size: 11/2" wide x 1" deep x 14" long.
G
GPPPP--55
SSm
maallll G
Gaau
ug
geess
(Flat Tip, Dial Diameter 1 1/2")
JJO
ON
NA
AR
RD
D
R
RA
AN
NG
GEE
G
GR
RA
AD
DU
UA
ATTIIO
ON
N
PPA
AR
RTT N
NO
O..
IIN
N G
GR
RA
AM
MSS
IIN
N G
GR
RA
AM
MSS
G
GD
D--11
0-10
.25
G
GD
D--33
4-35
1.00
G
GD
D--55
5-50
1.00
G
GD
D--1100
10-100
2.00
G
GD
D--1155
15-150
5.00
G
GD
D--2255
30-250
10.00
G
GD
D--3300
40-350
10.00
LLaarrg
gee G
Gaau
ug
geess
(Round Tip, Dial Diameter 2 1/2")
JJO
ON
NA
AR
RD
D
R
RA
AN
NG
GEE
G
GR
RA
AD
DU
UA
ATTIIO
ON
N
PPA
AR
RTT N
NO
O..
IIN
N G
GR
RA
AM
MSS
IIN
N G
GR
RA
AM
MSS
G
GD
D--5500
60-500
20.00
G
GD
D--110000
100-1000
25.00
G
GD
D--220000
200-2000
50.00
G
GD
D--440000
400-4000
100.00
G
GPPPP--88
G
GPPPP--3366
G
GPPPP--7722
G
GPPPP--1155


Similar Part No. - H-1000

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-1000L STANLEY-H-1000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
More results

Similar Description - H-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
ST-100 ETC1-ST-100 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
WD-30-B ETC1-WD-30-B Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Molex Electronics Ltd.
1300940526 MOLEX-1300940526 Datasheet
104Kb / 1P
   SUPPORT GRIPS FOR FIBER OPTICS
2006/04/15
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com