Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-1000 Datasheet(PDF) 47 Page - Jonard Tools.

Part # H-1000
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

H-1000 Datasheet(HTML) 47 Page - Jonard Tools.

Back Button H-1000 Datasheet HTML 43Page - Jonard Tools. H-1000 Datasheet HTML 44Page - Jonard Tools. H-1000 Datasheet HTML 45Page - Jonard Tools. H-1000 Datasheet HTML 46Page - Jonard Tools. H-1000 Datasheet HTML 47Page - Jonard Tools. H-1000 Datasheet HTML 48Page - Jonard Tools. H-1000 Datasheet HTML 49Page - Jonard Tools. H-1000 Datasheet HTML 50Page - Jonard Tools. H-1000 Datasheet HTML 51Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
47
M
M--112266 Push Hook for difficult to
reach areas, 11" long.
M
M--113300//IIX
X Pull Hook and lifter.
With an insulated grip. 8" long.
M
M--113300//SSX
X Pull Hook and lifter.
With a knurled grip. 8" long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
M
M--112266
Push Hook
M
M--113300//SSX
X
Pull Hook
Used for inserting, removing and adjusting fine springs and other small parts in tight areas. Indispensable
for precision work in production and maintenance of precision production, electronics, electromechanics
and even maintenance jobs. All spring hooks are tapered to a fine point. Produced of the finest quality
high carbon steel with a nickel-plated finish. We will custom design Spring Hooks to meet your specific
requirements.
M
M--112200 Pull Hook with looped handle
for maximum control 6" long.
M
M--112211 Pull Hook for difficult to
reach areas, 11" long.
M
M--112255 Push Hook with looped
handle for maximum control 6"
long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
M
M--112200
Pull Hook
M
M--112211
Push Hook
M
M--112255
Push Hook
M
M--113377 Push & Pull 2 sided Hook, 7" long.
M
M--114455 Captive Spring Hook. Spring
loaded hook is exposed by depressing
plunger on top of tool. Internal spring
retracts hook automatically. This hook is
ideal for capturing small wires, springs
or parts and holding them. 7" long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
M
M--113377
Push & Pull Hook
M
M--114455
Captive Spring Hook
M
M--112200
M
M--112266
M
M--112211
M
M--113377
M
M--114455
M
M--112255
M
M--113300//SSX
X
ALIGNMENT TOOLS
SPRING HOOKS/CLIP SETTER
C
CLLIIPP SSEETTTTEER
R
Clip Setter used for setting and withdrawing E
and C clips with a inside diameter of .156” min.
and thickness of .025” min. Max inside diameter
of 3” and thickness of .093” One end of this tool
has a hook with leaf spring tension for removing
the clip. Other end of tool has leaf spring for
holding clip in position to insert. Narrow shape
allows access to confined places. This tool is
6 3/4" long .275" wide and 1/16" thick.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
C
CSS--11002222
Clip Setter


Similar Part No. - H-1000

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-1000L STANLEY-H-1000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
More results

Similar Description - H-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
ST-100 ETC1-ST-100 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
WD-30-B ETC1-WD-30-B Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Molex Electronics Ltd.
1300940526 MOLEX-1300940526 Datasheet
104Kb / 1P
   SUPPORT GRIPS FOR FIBER OPTICS
2006/04/15
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com