Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-1000 Datasheet(PDF) 46 Page - Jonard Tools.

Part # H-1000
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

H-1000 Datasheet(HTML) 46 Page - Jonard Tools.

Back Button H-1000 Datasheet HTML 42Page - Jonard Tools. H-1000 Datasheet HTML 43Page - Jonard Tools. H-1000 Datasheet HTML 44Page - Jonard Tools. H-1000 Datasheet HTML 45Page - Jonard Tools. H-1000 Datasheet HTML 46Page - Jonard Tools. H-1000 Datasheet HTML 47Page - Jonard Tools. H-1000 Datasheet HTML 48Page - Jonard Tools. H-1000 Datasheet HTML 49Page - Jonard Tools. H-1000 Datasheet HTML 50Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
46
JJO
ON
NA
AR
RD
D
M
MIILLIITTA
AR
RY
Y
C
CO
OLLO
OR
R
C
CO
ON
NTTA
AC
CTT
IIN
NC
CH
HEESS
PP//N
N
SSTTA
AN
ND
DA
AR
RD
D ((M
MSS))
C
CO
OD
DEE
SSIIZZEE
R
R--44660011
M
MSS2244225566--R
R2200
RED
20
0.040”
R
R--44660022
M
MSS2244225566--R
R1166
BLUE
16
0.063”
R
R--99446611
M
MSS2244225566--R
R1122
YELLOW
12
0.093”
K
KR
R--226600 R
Reem
mo
ovvaall TTo
oo
oll K
Kiitt ((cco
on
nttaaiin
nss aab
bo
ovvee 33 tto
oo
ollss)) iin
n lleeaatth
heerr ccaassee
JJO
ON
NA
AR
RD
D
M
MIILLIITTA
AR
RY
Y
C
CO
OLLO
OR
R
C
CO
ON
NTTA
AC
CTT
IIN
NC
CH
HEESS
PP//N
N
SSTTA
AN
ND
DA
AR
RD
D ((M
MSS))
C
CO
OD
DEE
SSIIZZEE
A
A--44559988
M
MSS2244225566--A
A2200
RED
20
0.040”
A
A--44559999
M
MSS2244225566--A
A1166
BLUE
16
0.063”
A
A--44660000
M
MSS2244225566--A
A1122
YELLOW
12
0.093”
K
KA
A--226600 IIn
nsseerrttiio
on
n TTo
oo
oll K
Kiitt ((cco
on
nttaaiin
nss aab
bo
ovvee 33 tto
oo
ollss)) iin
n lleeaatth
heerr ccaassee
A
A--44559988
A
A--44559999
A
A--44660000
R
R--99446611
R
R--44660011
R
R--44660022
K
KR
R--226600
K
KA
A--226600
C
CO
ON
NN
NEEC
CTTO
OR
R IIN
NSSEER
RTTIIO
ON
N A
AN
ND
D
EEX
XTTR
RA
AC
CTTIIO
ON
N TTO
OO
OLLSS
These tools service virtually all
connectors conforming to Mil-C-26482,
Mil-C-26500 with front release contacts
made by such manufacturers as Amp,
Amphenol, Bendix, Burndy, Cannon,
Cinch, Continental, Elco, Flight, Pyle
National and Deutsch. These tools
contain strong, durable, stainless steel
probes & color coded handles.
PPIIN
N EEX
XTTR
RA
AC
CTTO
OR
R
A plunger style pin extractor for pushing pins
out from behind the connector blocks for
contact sizes 16-20. 3” long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
R
R--55992266
Pin Extractor
R
R--55992266
CONNECTOR TOOLS


Similar Part No. - H-1000

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-1000L STANLEY-H-1000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
More results

Similar Description - H-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
ST-100 ETC1-ST-100 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
WD-30-B ETC1-WD-30-B Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Molex Electronics Ltd.
1300940526 MOLEX-1300940526 Datasheet
104Kb / 1P
   SUPPORT GRIPS FOR FIBER OPTICS
2006/04/15
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com