Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-1000 Datasheet(PDF) 44 Page - Jonard Tools.

Part # H-1000
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

H-1000 Datasheet(HTML) 44 Page - Jonard Tools.

Back Button H-1000 Datasheet HTML 40Page - Jonard Tools. H-1000 Datasheet HTML 41Page - Jonard Tools. H-1000 Datasheet HTML 42Page - Jonard Tools. H-1000 Datasheet HTML 43Page - Jonard Tools. H-1000 Datasheet HTML 44Page - Jonard Tools. H-1000 Datasheet HTML 45Page - Jonard Tools. H-1000 Datasheet HTML 46Page - Jonard Tools. H-1000 Datasheet HTML 47Page - Jonard Tools. H-1000 Datasheet HTML 48Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
44
W
WR
RA
APPPPIIN
NG
G
W
WR
RA
APPPPIIN
NG
G
U
UN
NW
WR
RA
APPPPIIN
NG
G
U
UN
NW
WR
RA
APPPPIIN
NG
G
JJO
ON
NA
AR
RD
D
W
WIIR
REE
TTEER
RM
MIIN
NA
ALL
TTEER
RM
MIIN
NA
ALL
TTEER
RM
MIIN
NA
ALL
H
HO
OLLEE
PP//N
N
G
GA
AU
UG
GEE
H
HO
OLLEE D
DIIA
A..
H
HO
OLLEE D
DEEPPTTH
H
H
HO
OLLEE D
DIIA
A..
D
DEEPPTTH
H
WDUD-2000
20
.075”
1.000”
.070”
1”
WDUD-2224
22-24
.075”
.807”
.070”
1”
WDUD-2600
26
.040”
.750”
.038”
1”
WDUD-3000
30
.036”
.750”
.038”
1”
HAND WRAP & UNWRAP TOOLS
These wire wrapping tools do the job of
two. These two sided tools allow for
quick change of wrapping to unwrapping
and back, while the unused side serves as
a handle. 6" long.
TTo
oo
oll SSh
ho
ow
wn
n
D
Diissaasssseem
mb
blleed
d
W
WD
DU
UD
D--22000000
W
WD
DU
UD
D--22222244
W
WD
DU
UD
D--22660000
W
WD
DU
UD
D--33000000
DSL INSULATED WRAP & UNWRAP TOOL
Specifically designed for DSL (Digital Subscriber Line) connections. The wrapping side is designed for 24-26
AWG wire, and the unwrap side is designed for 20-26 AWG wire. Comes with an insulated handle for
dielectric protection.
W
WR
RA
APPPPIIN
NG
G
W
WR
RA
APPPPIIN
NG
G
U
UN
NW
WR
RA
APPPPIIN
NG
G
U
UN
NW
WR
RA
APPPPIIN
NG
G
JJO
ON
NA
AR
RD
D
W
WIIR
REE
TTEER
RM
MIIN
NA
ALL
TTEER
RM
MIIN
NA
ALL
TTEER
RM
MIIN
NA
ALL
H
HO
OLLEE
PP//N
N
G
GA
AU
UG
GEE
H
HO
OLLEE D
DIIA
A..
H
HO
OLLEE D
DEEPPTTH
H
H
HO
OLLEE D
DIIA
A..
D
DEEPPTTH
H
WDUD-26DS
24-26
.075”
.750”
.070”
1”
HAND WRAPPING TOOLS
These tools with a metal handle are for left
and right hand use and are compact and
versatile. 6” long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
WD-2224
Hand Wrapping tool for 22-24 gauge wire
with a .075” diameter hole
W
WD
D--22222244
WIRE WRAPPING TOOLS


Similar Part No. - H-1000

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
H-1000L STANLEY-H-1000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
More results

Similar Description - H-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-4598 ETC2-A-4598 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV, Wireless and Electronics Industries
HW-UW-30 ETC2-HW-UW-30 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
P2426INS ETC2-P2426INS Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
ST-100 ETC1-ST-100 Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
WD-30-B ETC1-WD-30-B Datasheet
2Mb / 48P
   Tools for Telecom, Fiber Optics, CATV, Satellite, Security & Alarm, Wireless and Electronics Industries
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
logo
Marktech Corporate
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
   Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
   Fiber Optics
logo
Molex Electronics Ltd.
1300940526 MOLEX-1300940526 Datasheet
104Kb / 1P
   SUPPORT GRIPS FOR FIBER OPTICS
2006/04/15
logo
Marktech Corporate
MT108M-UR3 MARKTECH-MT108M-UR3 Datasheet
113Kb / 2P
   Fiber Optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com