Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VD22184FM-70 Datasheet(PDF) 21 Page - SPANSION

Part # MB84VD22184FM-70
Description  32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD22184FM-70 Datasheet(HTML) 21 Page - SPANSION

Back Button MB84VD22184FM-70 Datasheet HTML 17Page - SPANSION MB84VD22184FM-70 Datasheet HTML 18Page - SPANSION MB84VD22184FM-70 Datasheet HTML 19Page - SPANSION MB84VD22184FM-70 Datasheet HTML 20Page - SPANSION MB84VD22184FM-70 Datasheet HTML 21Page - SPANSION MB84VD22184FM-70 Datasheet HTML 22Page - SPANSION MB84VD22184FM-70 Datasheet HTML 23Page - SPANSION MB84VD22184FM-70 Datasheet HTML 24Page - SPANSION MB84VD22184FM-70 Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
MB84VD22184FM/VD22194FM-70
21
2.
AC Characteristics
• Read Only Operations Characteristics
* : Test Conditions:
Output Load:1 TTL gate and 30 pF
Input rise and fall times: 5 ns
Input pulse levels: 0.0 V to 3.0 V
Timing measurement reference level
Input: 0.5 × Vccf
Output: 0.5 × Vccf
Parameter
Symbol
Test setup
Value*
Unit
JEDEC
Standard
Min
Max
Read Cycle Time
tAVAV
tRC
—70
ns
Address to Output Delay
tAVQV
tACC
CEf = VIL
OE = VIL
70
ns
Chip Enable to Output Delay
tELQV
tCE
OE = VIL
70
ns
Output Enable to Output Delay
tGLQV
tOE
30
ns
Chip Enable to Output High-Z
tEHQZ
tDF
25
ns
Output Enable to Output High-Z
tGHQZ
tDF
25
ns
Output Hold Time from Addresses,
CEf or OE, Whichever Occurs First
tAXQX
tOH
—0
ns
RESET Pin Low to Read Mode
tREADY
20
µs


Similar Part No. - MB84VD22184FM-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22184FM-70PBS SPANSION-MB84VD22184FM-70PBS Datasheet
720Kb / 47P
   32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
More results

Similar Description - MB84VD22184FM-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22181FM-70 SPANSION-MB84VD22181FM-70 Datasheet
689Kb / 47P
   32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD22184FM SPANSION-MB84VD22184FM Datasheet
720Kb / 47P
   32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
MB84VD22280FA-70 SPANSION-MB84VD22280FA-70 Datasheet
690Kb / 47P
   32M (X16) FLASH MEMORY & 8M (X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2218XEC FUJITSU-MB84VD2218XEC Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
logo
SPANSION
MB84VD23180FM SPANSION-MB84VD23180FM Datasheet
701Kb / 49P
   64M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
   32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
MB84VD2208XEA FUJITSU-MB84VD2208XEA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
logo
Sharp Corporation
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com