Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VD22184FM-70 Datasheet(PDF) 9 Page - SPANSION

Part # MB84VD22184FM-70
Description  32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD22184FM-70 Datasheet(HTML) 9 Page - SPANSION

Back Button MB84VD22184FM-70 Datasheet HTML 5Page - SPANSION MB84VD22184FM-70 Datasheet HTML 6Page - SPANSION MB84VD22184FM-70 Datasheet HTML 7Page - SPANSION MB84VD22184FM-70 Datasheet HTML 8Page - SPANSION MB84VD22184FM-70 Datasheet HTML 9Page - SPANSION MB84VD22184FM-70 Datasheet HTML 10Page - SPANSION MB84VD22184FM-70 Datasheet HTML 11Page - SPANSION MB84VD22184FM-70 Datasheet HTML 12Page - SPANSION MB84VD22184FM-70 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
MB84VD22184FM/VD22194FM-70
9
(Continued)
*1 : The ICC current listed includes both the DC operating current and the frequency dependent component.
*2 : ICC active while Embedded Algorithm (program or erase) is in progress.
*3 : Automatic sleep mode enables the low power mode when address remain stable for 150 ns.
*4 : Applicable for only VCCf applying.
*5 : Embedded Algorithm (program or erase) is in progress. (@5 MHz)
*6 : VCC indicates lower of VCCf or VCCs.
Parameter
Symbol
Test Conditions
Value
Unit
Min
Typ
Max
Input Low Level
VIL
—–0.3
0.5
V
Input High Level
VIH
—2.2
VCC+0.3*6
V
Voltage for Sector
Protection, and Temporary
Sector Unprotection
(RESET) *4
VID
11.5
12.5
V
Voltage for Program
Acceleration (WP/ACC) *4
VACC
8.5
9.0
9.5
V
SRAM Output Low Level
VOL
VCCs = VCCs Min, IOL = 0.1 mA
0.4
V
SRAM Output High Level
VOH
VCCs = VCCs Min, IOH = –0.1 mA
2.0
V
Flash Output Low Level
VOL
VCCf = VCCf Min, IOL = 4.0 mA
0.45
V
Flash Output High Level
VOH
VCCf = VCCf Min, IOH = –0.1 mA
VCCs–0.4
V
Flash Low VCCf Lock-Out
Voltage
VLKO
2.3
2.5
V


Similar Part No. - MB84VD22184FM-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22184FM-70PBS SPANSION-MB84VD22184FM-70PBS Datasheet
720Kb / 47P
   32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
More results

Similar Description - MB84VD22184FM-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22181FM-70 SPANSION-MB84VD22181FM-70 Datasheet
689Kb / 47P
   32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD22184FM SPANSION-MB84VD22184FM Datasheet
720Kb / 47P
   32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
MB84VD22280FA-70 SPANSION-MB84VD22280FA-70 Datasheet
690Kb / 47P
   32M (X16) FLASH MEMORY & 8M (X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2218XEC FUJITSU-MB84VD2218XEC Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
logo
SPANSION
MB84VD23180FM SPANSION-MB84VD23180FM Datasheet
701Kb / 49P
   64M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
   32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
MB84VD2208XEA FUJITSU-MB84VD2208XEA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
logo
Sharp Corporation
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com