Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VD22184FM-70 Datasheet(PDF) 6 Page - SPANSION

Part # MB84VD22184FM-70
Description  32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD22184FM-70 Datasheet(HTML) 6 Page - SPANSION

Back Button MB84VD22184FM-70 Datasheet HTML 2Page - SPANSION MB84VD22184FM-70 Datasheet HTML 3Page - SPANSION MB84VD22184FM-70 Datasheet HTML 4Page - SPANSION MB84VD22184FM-70 Datasheet HTML 5Page - SPANSION MB84VD22184FM-70 Datasheet HTML 6Page - SPANSION MB84VD22184FM-70 Datasheet HTML 7Page - SPANSION MB84VD22184FM-70 Datasheet HTML 8Page - SPANSION MB84VD22184FM-70 Datasheet HTML 9Page - SPANSION MB84VD22184FM-70 Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
MB84VD22184FM/VD22194FM-70
6
s DEVICE BUS OPERATIONS
• User Bus Operations
Legend: L = VIL, H = VIH, X = VIL or VIH. See DC Characteristics for voltage levels.
*1 : Other operations except for indicated this column are inhibited.
*2 : WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
*3 : Do not apply CEf = VIL, CE1s = VIL and CE2s = VIH at a time.
*4 : It is also used for the extended sector group protections.
*5 : WP/ACC = VIL; protection of boot sectors.
WP/ACC = VIH; removal of boot sectors protection.
WP/ACC = VACC (9V) ; Program time will reduce by 40%.
Operation *1, *3
CEfCE1sCE2s OE
WE
LB
UB
DQ7 to DQ0 DQ15 to DQ8 RESET
WP/
ACC
*5
Full Standby
H
HX
X
X
X
X
High-Z
High-Z
H
X
XL
Output Disable
HL
H
H
H
X
X
High-Z
High-Z
HX
X
X
H
H
High-Z
High-Z
L
HX
H
H
X
X
High-Z
High-Z
XL
Read from Flash *2
L
HX
LH
X
X
DOUT
DOUT
HX
XL
Write to Flash
L
HX
HL
X
X
DIN
DIN
HX
XL
Read from SRAM
H
L
H
L
H
LL
DOUT
DOUT
HX
H
L
High-Z
DOUT
LH
DOUT
High-Z
Write to SRAM
H
L
H
X
L
LL
DIN
DIN
HX
H
L
High-Z
DIN
LH
DIN
High-Z
Temporary Sector
Group Unprotection*4
XX
X
X
X
X
X
X
X
VID
X
Flash Hardware Reset
X
HX
X
X
X
X
High-Z
High-Z
L
X
XL
Boot Block Sector Write
Protection
XX
X
X
X
X
X
X
X
X
L


Similar Part No. - MB84VD22184FM-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22184FM-70PBS SPANSION-MB84VD22184FM-70PBS Datasheet
720Kb / 47P
   32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
More results

Similar Description - MB84VD22184FM-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22181FM-70 SPANSION-MB84VD22181FM-70 Datasheet
689Kb / 47P
   32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD22184FM SPANSION-MB84VD22184FM Datasheet
720Kb / 47P
   32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
MB84VD22280FA-70 SPANSION-MB84VD22280FA-70 Datasheet
690Kb / 47P
   32M (X16) FLASH MEMORY & 8M (X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2218XEC FUJITSU-MB84VD2218XEC Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
logo
SPANSION
MB84VD23180FM SPANSION-MB84VD23180FM Datasheet
701Kb / 49P
   64M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
   32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
MB84VD2208XEA FUJITSU-MB84VD2208XEA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
logo
Sharp Corporation
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com