Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VD22184FM-70 Datasheet(PDF) 43 Page - SPANSION

Part # MB84VD22184FM-70
Description  32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD22184FM-70 Datasheet(HTML) 43 Page - SPANSION

Back Button MB84VD22184FM-70 Datasheet HTML 38Page - SPANSION MB84VD22184FM-70 Datasheet HTML 39Page - SPANSION MB84VD22184FM-70 Datasheet HTML 40Page - SPANSION MB84VD22184FM-70 Datasheet HTML 41Page - SPANSION MB84VD22184FM-70 Datasheet HTML 42Page - SPANSION MB84VD22184FM-70 Datasheet HTML 43Page - SPANSION MB84VD22184FM-70 Datasheet HTML 44Page - SPANSION MB84VD22184FM-70 Datasheet HTML 45Page - SPANSION MB84VD22184FM-70 Datasheet HTML 46Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
MB84VD22184FM/VD22194FM-70
43
s PIN CAPACITANCE
Note : Test conditions TA =
+ 25°C, f = 1.0 MHz
s HANDLING OF PACKAGE
Please handle this package carefully since the sides of package create acute angles.
s CAUTION
• The high voltage (VID) cannot apply to address pins and control pins except RESET.
Exception is when autoselect and sector group protect function are used, then the high voltage (VID) can be
applied to RESET.
• Without the high voltage (VID) , sector group protection can be achieved by using “Extended Sector Group
Protection” command.
Parameter
Symbol
Test Setup
Value
Unit
Typ
Max
Input Capacitance
CIN
VIN = 0
11
14
pF
Output Capacitance
COUT
VOUT = 0
12
16
pF
Control Pin Capacitance
CIN2
VIN = 0
14
16
pF
WP/ACC Pin Capacitance
CIN3
VIN = 0
21.5
26
pF


Similar Part No. - MB84VD22184FM-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22184FM-70PBS SPANSION-MB84VD22184FM-70PBS Datasheet
720Kb / 47P
   32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
More results

Similar Description - MB84VD22184FM-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22181FM-70 SPANSION-MB84VD22181FM-70 Datasheet
689Kb / 47P
   32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD22184FM SPANSION-MB84VD22184FM Datasheet
720Kb / 47P
   32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
MB84VD22280FA-70 SPANSION-MB84VD22280FA-70 Datasheet
690Kb / 47P
   32M (X16) FLASH MEMORY & 8M (X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2218XEC FUJITSU-MB84VD2218XEC Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
logo
SPANSION
MB84VD23180FM SPANSION-MB84VD23180FM Datasheet
701Kb / 49P
   64M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
   32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
MB84VD2208XEA FUJITSU-MB84VD2208XEA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
logo
Sharp Corporation
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com