Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VD22184FM-70 Datasheet(PDF) 42 Page - SPANSION

Part # MB84VD22184FM-70
Description  32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD22184FM-70 Datasheet(HTML) 42 Page - SPANSION

Back Button MB84VD22184FM-70 Datasheet HTML 38Page - SPANSION MB84VD22184FM-70 Datasheet HTML 39Page - SPANSION MB84VD22184FM-70 Datasheet HTML 40Page - SPANSION MB84VD22184FM-70 Datasheet HTML 41Page - SPANSION MB84VD22184FM-70 Datasheet HTML 42Page - SPANSION MB84VD22184FM-70 Datasheet HTML 43Page - SPANSION MB84VD22184FM-70 Datasheet HTML 44Page - SPANSION MB84VD22184FM-70 Datasheet HTML 45Page - SPANSION MB84VD22184FM-70 Datasheet HTML 46Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
MB84VD22184FM/VD22194FM-70
42
2.
Data Retention Characteristics (SRAM)
Note : tRC: Read cycle time
•CE1s Controlled Data Retention Mode *1
*1 : In CE1s controlled data retention mode, input level of CE2s should be fixed Vccs to Vccs–0.2 V or Vss
to 0.2 V during data retention mode. Other input and input/output pins can be used between –0.3 V to
Vccs+0.3 V.
*2 : When CE1s is operating at the VIH Min level, the standby current is given by ISB1s during the transition
of VCCs from VCCs Max to VIH Min level.
• CE2s Controlled Data Retention Mode *
* : In CE2s controlled data retention mode, input and input/output pins can be used between
–0.3 V to Vccs+0.3V.
Parameter
Symbol
Value
Unit
Min
Typ
Max
Data Retention Supply Voltage
VDH
1.5
3.1
V
Standby Current
VDH = 3.0 V
IDDS2
——
10
µA
Chip Deselect to Data Retention Mode Time
tCDR
0—
ns
Recovery Time
tR
tRC
——
ns
VCCs
2.7 V
VIH
GND
Data Retention Mode
*2
tCDR
CE1s
VCCs – 0.2 V
*2
tR
VDH
VCCs
2.7 V
GND
Data Retention Mode
VIH
VIL
CE2s
tCDR
tR
0.2 V
VDH


Similar Part No. - MB84VD22184FM-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22184FM-70PBS SPANSION-MB84VD22184FM-70PBS Datasheet
720Kb / 47P
32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
More results

Similar Description - MB84VD22184FM-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22181FM-70 SPANSION-MB84VD22181FM-70 Datasheet
689Kb / 47P
32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD22184FM SPANSION-MB84VD22184FM Datasheet
720Kb / 47P
32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
MB84VD22280FA-70 SPANSION-MB84VD22280FA-70 Datasheet
690Kb / 47P
32M (X16) FLASH MEMORY & 8M (X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2218XEC FUJITSU-MB84VD2218XEC Datasheet
1Mb / 61P
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
logo
SPANSION
MB84VD23180FM SPANSION-MB84VD23180FM Datasheet
701Kb / 49P
64M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
MB84VD2208XEA FUJITSU-MB84VD2208XEA Datasheet
1Mb / 61P
32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
logo
Sharp Corporation
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com