Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VD22184FM-70 Datasheet(PDF) 35 Page - SPANSION

Part # MB84VD22184FM-70
Description  32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84VD22184FM-70 Datasheet(HTML) 35 Page - SPANSION

Back Button MB84VD22184FM-70 Datasheet HTML 31Page - SPANSION MB84VD22184FM-70 Datasheet HTML 32Page - SPANSION MB84VD22184FM-70 Datasheet HTML 33Page - SPANSION MB84VD22184FM-70 Datasheet HTML 34Page - SPANSION MB84VD22184FM-70 Datasheet HTML 35Page - SPANSION MB84VD22184FM-70 Datasheet HTML 36Page - SPANSION MB84VD22184FM-70 Datasheet HTML 37Page - SPANSION MB84VD22184FM-70 Datasheet HTML 38Page - SPANSION MB84VD22184FM-70 Datasheet HTML 39Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
MB84VD22184FM/VD22194FM-70
35
s 4 M SRAM for MCP
1.
AC Characteristics
•Read Cycle (SRAM)
Note: Test Conditions– Output Load:1 TTL gate and 30 pF
Input rise and fall times: 5 ns
Input pulse levels: 0.0 V to VCCs
Timing measurement reference level
Input: 0.5×VCCs
Output: 0.5×VCCs
Parameter
Symbol
Value
Unit
Min
Max
Read Cycle Time
tRC
70
ns
Address Access Time
tAA
—70
ns
Chip Enable (CE1s) Access Time
tCO1
—70
ns
Chip Enable (CE2s) Access Time
tCO2
—70
ns
Output Enable Access Time
tOE
—35
ns
LB, UB to Output Valid
tBA
—70
ns
Chip Enable (CE1s Low and CE2s High) to Output Active
tCOE
5—
ns
Output Enable Low to Output Active
tOEE
0—
ns
UB, LB Enable Low to Output Active
tBE
0—
ns
Chip Enable (CE1s High or CE2s Low) to Output High-Z
tOD
—25
ns
Output Enable High to Output High-Z
tODO
—25
ns
UB, LB Output Enable to Output High-Z
tBD
—25
ns
Output Data Hold Time
tOH
10
ns


Similar Part No. - MB84VD22184FM-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22184FM-70PBS SPANSION-MB84VD22184FM-70PBS Datasheet
720Kb / 47P
   32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
More results

Similar Description - MB84VD22184FM-70

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VD22181FM-70 SPANSION-MB84VD22181FM-70 Datasheet
689Kb / 47P
   32M (X16) FLASH MEMORY & 4M (X16) STATIC RAM
MB84VD22184FM SPANSION-MB84VD22184FM Datasheet
720Kb / 47P
   32M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
MB84VD22280FA-70 SPANSION-MB84VD22280FA-70 Datasheet
690Kb / 47P
   32M (X16) FLASH MEMORY & 8M (X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2218XEC FUJITSU-MB84VD2218XEC Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
logo
SPANSION
MB84VD23180FM SPANSION-MB84VD23180FM Datasheet
701Kb / 49P
   64M (x16) FLASH MEMORY AND 4M (x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
   32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
MB84VD2208XEA FUJITSU-MB84VD2208XEA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
logo
Sharp Corporation
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com