Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EGG.1K.314.CLL Datasheet(PDF) 2 Page - LEMO Connectors

Part # EGG.1K.314.CLL
Description  K - Outdoor keyed
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

EGG.1K.314.CLL Datasheet(HTML) 2 Page - LEMO Connectors

  EGG.1K.314.CLL Datasheet HTML 1Page - LEMO Connectors EGG.1K.314.CLL Datasheet HTML 2Page - LEMO Connectors EGG.1K.314.CLL Datasheet HTML 3Page - LEMO Connectors EGG.1K.314.CLL Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.lemo.com/int_en/solutions/originals/k-outdoor-keyed/egg-1k-314-cll.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
Electrical Configuration
Contact Termination Low voltage
Solder
R (max)
8.7 mOhm
Insert configuration value
1K.314 - 14 Low Voltage
Insulator
L: PEEK (UL 94 / V-0/1.5)
Rated current
2 Amps
Vtest (contact-contact)
800 V (AC), 1130 V (DC)
Vtest (contact-shell)
1200 V (AC), 1700 V (DC)
Contact Type
Solder
Max. Solid Conductor
0.09 mm^2 (AWG 28)
Max. Stranded Conductor
0.09 mm^2 (AWG 28)
Bucket Dia.
0.45 mm (0.018in)
Contact Dia.
0.5 mm (0.02in)
Number of contacts Low Voltage
14
Wire Size/AWG
34 - 28
Gender
Standard
Form & Material
Shell style / Model id
EG - Fixed receptacle, nut fixing
Socket / Receptacle
Fixed Panel Front Mounted
Housing material
Brass (chrome plated [SAE AMS 2460]) shell, collet
nut and latch sleeve, nickel plated [SAE AMS QQ N
290] brass mid pieces
Locking system
Push-pull
Keying
1 key (alpha=0, plug: male contacts, receptacle:
female contacts)
Weight
21.27 g


Similar Part No. - EGG.1K.314.CLL

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
EGG.1K.314.KLL LEMO-EGG.1K.314.KLL Datasheet
96Kb / 4P
   K - Outdoor keyed
More results

Similar Description - EGG.1K.314.CLL

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD125-52-X WINCHESTER-SD125-52-X Datasheet
572Kb / 2P
   PLUG TNC KEYED
SD125-X-X WINCHESTER-SD125-X-X Datasheet
781Kb / 2P
   PLUG TNC KEYED
SD126-71-7 WINCHESTER-SD126-71-7 Datasheet
68Kb / 1P
   PLUG SC KEYED
logo
Schneider Electric
9001KS11K1 SCHNEIDER-9001KS11K1 Datasheet
124Kb / 4P
   30mm Push Button, Type K, keyed selector switch, 2 position, key removal on left
Aug 11, 2019
logo
Texas Instruments
TMS99532A TI-TMS99532A Datasheet
109Kb / 2P
[Old version datasheet]   FREQUENCY-SHITF-KEYED MODEM
logo
Schneider Electric
9001KS11K3 SCHNEIDER-9001KS11K3 Datasheet
136Kb / 5P
   30mm Push Button, Type K, keyed selector switch, 2 position, key removal on left or right
Jan 4, 2022
logo
Zilog, Inc.
ZDI232ZPAK2ZPK ZILOG-ZDI232ZPAK2ZPK Datasheet
247Kb / 10P
   Keyed 40-conductor ribbon cable
logo
Molex Electronics Ltd.
0424108650 MOLEX5-0424108650 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/6, Keyed
logo
Amphenol Corporation
ATM06-12SA AMPHENOL-ATM06-12SA Datasheet
591Kb / 2P
   PLUG, KEYED, 12 SOCKET, ATM SERIES
18/JUN/13
logo
Schneider Electric
9001KS43K10 SCHNEIDER-9001KS43K10 Datasheet
116Kb / 2P
   30mm Push Button, Type K, keyed selector switch, 3 position, C cam, key withdrawal in any position
Jan 4, 2022
logo
Molex Electronics Ltd.
0424109226 MOLEX5-0424109226 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/2, Keyed
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com