Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2022-102/000-016 Datasheet(PDF) 4 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 2022-102/000-016
Description  1-conductor female connector; Push-in CAGE CLAMP®; 4 mm²; Pin spacing 5.2 mm; 2-pole; 4,00 mm²; green-yellow
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2022-102/000-016 Datasheet(HTML) 4 Page - WAGO Kontakttechnik GmbH & Co. KG

  2022-102/000-016 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2022-102/000-016 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2022-102/000-016 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 2022-102/000-016 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 2022-102/000-016 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 2022-102/000-016 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 2022-102/000-016 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data sheet | Item number: 2022-102/000-016
www.wago.com/2022-102/000-016
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
29.12.2021    Page /
4 7
Optional accessories
Insulation stop
    Insulation stop
Item no.: 2002-171
Insulation stop; 0.25 - 0.5 mm²; 5 pieces/strip; light gray
www.wago.com/2002-171
Item no.: 2002-172
Insulation stop; 0.75 - 1 mm²; 5 pieces/strip; dark gray
www.wago.com/2002-172
Locking levers
    Locking device
Item no.: 2022-141
Locking lever; gray
www.wago.com/2022-141
Item no.: 2022-142
Locking lever; orange
www.wago.com/2022-142
Protective warning marker
    Cover
Item no.: 2002-115
Protective warning marker; for 5 terminal blocks; with high-voltage symbol, black; yellow
www.wago.com/2002-115
Strain relief
    Strain relief plate
Item no.: 734-327
Strain relief plate; gray
www.wago.com/734-327
Ferrule
    Ferrule
Item no.: 216-241
Ferrule; Sleeve for 0.5 mm² / 20 AWG; insulated; electro-tin plated; electrolytic copper; gastight
crimped; acc. to DIN 46228, Part 4/09.90; white
www.wago.com/216-241
Item no.: 216-242
Ferrule; Sleeve for 0.75 mm² / 18 AWG; insulated; electro-tin plated; electrolytic copper; gastight
crimped; acc. to DIN 46228, Part 4/09.90; gray
www.wago.com/216-242
Item no.: 216-243
Ferrule; Sleeve for 1 mm² / AWG 18; insulated; electro-tin plated; electrolytic copper; gastight crimped;
acc. to DIN 46228, Part 4/09.90; red
www.wago.com/216-243
Item no.: 216-244
Ferrule; Sleeve for 1.5 mm² / AWG 16; insulated; electro-tin plated; electrolytic copper; gastight
crimped; acc. to DIN 46228, Part 4/09.90; black
www.wago.com/216-244
Item no.: 216-263
Ferrule; Sleeve for 1 mm² / AWG 18; insulated; electro-tin plated; electrolytic copper; gastight crimped;
acc. to DIN 46228, Part 4/09.90; red
www.wago.com/216-263
Item no.: 216-246
Ferrule; Sleeve for 2.5 mm² / AWG 14; insulated; electro-tin plated; electrolytic copper; gastight
crimped; acc. to DIN 46228, Part 4/09.90; blue
www.wago.com/216-246
Item no.: 216-266


Similar Part No. - 2022-102/000-016

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2022-102/000-006 WAGO-2022-102/000-006 Datasheet
392Kb / 8P
1-conductor female connector; Push-in CAGE CLAMP®; 4 mm²; Pin spacing 5.2 mm; 2-pole; 4,00 mm²; blue
29.12.2021
2022-102/000-039 WAGO-2022-102/000-039 Datasheet
422Kb / 7P
1-conductor female connector; Push-in CAGE CLAMP®; 4 mm²; Pin spacing 5.2 mm; 2-pole; 4,00 mm²; green-yellow/blue/gray
29.12.2021
More results

Similar Description - 2022-102/000-016

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2624-1102 WAGO-2624-1102 Datasheet
374Kb / 8P
PCB terminal block; 4 mm²; Pin spacing 5 mm; 2-pole; Push-in CAGE CLAMP®; 4,00 mm²; gray
21.11.2022
2624-3504 WAGO-2624-3504 Datasheet
426Kb / 8P
PCB terminal block; 4 mm²; Pin spacing 11.5 mm; 4-pole; Push-in CAGE CLAMP®; 4,00 mm²; gray
21.11.2022
2624-3103 WAGO-2624-3103 Datasheet
382Kb / 8P
PCB terminal block; 4 mm²; Pin spacing 5 mm; 3-pole; Push-in CAGE CLAMP®; 4,00 mm²; gray
21.11.2022
2624-1108 WAGO-2624-1108 Datasheet
374Kb / 8P
PCB terminal block; 4 mm²; Pin spacing 5 mm; 8-pole; Push-in CAGE CLAMP®; 4,00 mm²; gray
21.11.2022
2624-1105 WAGO-2624-1105 Datasheet
374Kb / 8P
PCB terminal block; 4 mm²; Pin spacing 5 mm; 5-pole; Push-in CAGE CLAMP®; 4,00 mm²; gray
21.11.2022
2624-1302 WAGO-2624-1302 Datasheet
389Kb / 9P
PCB terminal block; 4 mm²; Pin spacing 7.5 mm; 2-pole; Push-in CAGE CLAMP: 4,00 mm²; gray
21.11.2022
2624-3503 WAGO-2624-3503 Datasheet
426Kb / 8P
PCB terminal block; 4 mm²; Pin spacing 11.5 mm; 3-pole; Push-in CAGE CLAMP®; 4,00 mm²; gray
21.11.2022
2624-3306 WAGO-2624-3306 Datasheet
428Kb / 9P
PCB terminal block; 4 mm²; Pin spacing 7.5 mm; 6-pole; Push-in CAGE CLAMP: 4,00 mm²; gray
21.11.2022
2734-1102 WAGO-2734-1102 Datasheet
2Mb / 6P
1-conductor female connector; lever; Push-in CAGE CLAMP®; 1.5 mm²; Pin spacing 3.5 mm; 2-pole; 100% protected against mismating; 1,50 mm²; light gray
Version 26.12.2022
2734-1104 WAGO-2734-1104 Datasheet
2Mb / 6P
1-conductor female connector; lever; Push-in CAGE CLAMP®; 1.5 mm²; Pin spacing 3.5 mm; 4-pole; 100% protected against mismating; 1,50 mm²; light gray
Version 26.12.2022
769-121-000-016 WAGO-769-121-000-016 Datasheet
395Kb / 10P
2-conductor female connector; CAGE CLAMP짰; 4 mm짼; Pin spacing 5 mm; 1-pole; coding finger; 4,00 mm짼; green-yellow
29.12.2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com