Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2022-102/000-016 Datasheet(PDF) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 2022-102/000-016
Description  1-conductor female connector; Push-in CAGE CLAMP®; 4 mm²; Pin spacing 5.2 mm; 2-pole; 4,00 mm²; green-yellow
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2022-102/000-016 Datasheet(HTML) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

  2022-102/000-016 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2022-102/000-016 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2022-102/000-016 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 2022-102/000-016 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 2022-102/000-016 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 2022-102/000-016 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 2022-102/000-016 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data sheet | Item number: 2022-102/000-016
www.wago.com/2022-102/000-016
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
29.12.2021    Page /
2 7
Data
Notes
Safety information 1
According to EN 61984, pluggable connectors without current
interrupting capacity must not be mated or unmated when live or
under load.
Electrical data
Ratings per IEC/EN
Ratings per
IEC/EN 61984
Connection data
Total number of connection points
2
Total number of potentials
2
Connection 1
Connection technology
Push-in CAGE CLAMP
®
Actuation type
Operating tool
Push-in
Connectable conductor materials
Copper
Nominal cross-section
2.5 mm²
Solid conductor
0.25 … 4 mm² / 22 … 12 AWG
Solid conductor; push-in termination
0.75 … 4 mm² / 18 … 12 AWG
Fine-stranded conductor
0.25 … 4 mm² / 22 … 12 AWG
Fine-stranded conductor; with insulated ferrule
0.25 … 2.5 mm² / 22 … 14 AWG
Fine-stranded conductor; with ferrule; push-in termination
1 … 2.5 mm² / 18 … 14 AWG
Note (conductor cross-section)
Depending on the conductor characteristic, a conductor with a
smaller cross-section can also be inserted via push-in termination.
Strip length
10 … 12 mm / 0.39 … 0.47 inch
Pole No.
2
Wiring direction
Front-entry wiring
Physical data
Width
10.4 mm / 0.409 inch
Height
40.5 mm / 1.594 inch
Depth
22.4 mm / 0.882 inch


Similar Part No. - 2022-102/000-016

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2022-102/000-006 WAGO-2022-102/000-006 Datasheet
392Kb / 8P
1-conductor female connector; Push-in CAGE CLAMP®; 4 mm²; Pin spacing 5.2 mm; 2-pole; 4,00 mm²; blue
29.12.2021
2022-102/000-039 WAGO-2022-102/000-039 Datasheet
422Kb / 7P
1-conductor female connector; Push-in CAGE CLAMP®; 4 mm²; Pin spacing 5.2 mm; 2-pole; 4,00 mm²; green-yellow/blue/gray
29.12.2021
More results

Similar Description - 2022-102/000-016

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
2624-1102 WAGO-2624-1102 Datasheet
374Kb / 8P
PCB terminal block; 4 mm²; Pin spacing 5 mm; 2-pole; Push-in CAGE CLAMP®; 4,00 mm²; gray
21.11.2022
2624-3504 WAGO-2624-3504 Datasheet
426Kb / 8P
PCB terminal block; 4 mm²; Pin spacing 11.5 mm; 4-pole; Push-in CAGE CLAMP®; 4,00 mm²; gray
21.11.2022
2624-3103 WAGO-2624-3103 Datasheet
382Kb / 8P
PCB terminal block; 4 mm²; Pin spacing 5 mm; 3-pole; Push-in CAGE CLAMP®; 4,00 mm²; gray
21.11.2022
2624-1108 WAGO-2624-1108 Datasheet
374Kb / 8P
PCB terminal block; 4 mm²; Pin spacing 5 mm; 8-pole; Push-in CAGE CLAMP®; 4,00 mm²; gray
21.11.2022
2624-1105 WAGO-2624-1105 Datasheet
374Kb / 8P
PCB terminal block; 4 mm²; Pin spacing 5 mm; 5-pole; Push-in CAGE CLAMP®; 4,00 mm²; gray
21.11.2022
2624-1302 WAGO-2624-1302 Datasheet
389Kb / 9P
PCB terminal block; 4 mm²; Pin spacing 7.5 mm; 2-pole; Push-in CAGE CLAMP: 4,00 mm²; gray
21.11.2022
2624-3503 WAGO-2624-3503 Datasheet
426Kb / 8P
PCB terminal block; 4 mm²; Pin spacing 11.5 mm; 3-pole; Push-in CAGE CLAMP®; 4,00 mm²; gray
21.11.2022
2624-3306 WAGO-2624-3306 Datasheet
428Kb / 9P
PCB terminal block; 4 mm²; Pin spacing 7.5 mm; 6-pole; Push-in CAGE CLAMP: 4,00 mm²; gray
21.11.2022
2734-1102 WAGO-2734-1102 Datasheet
2Mb / 6P
1-conductor female connector; lever; Push-in CAGE CLAMP®; 1.5 mm²; Pin spacing 3.5 mm; 2-pole; 100% protected against mismating; 1,50 mm²; light gray
Version 26.12.2022
2734-1104 WAGO-2734-1104 Datasheet
2Mb / 6P
1-conductor female connector; lever; Push-in CAGE CLAMP®; 1.5 mm²; Pin spacing 3.5 mm; 4-pole; 100% protected against mismating; 1,50 mm²; light gray
Version 26.12.2022
769-121-000-016 WAGO-769-121-000-016 Datasheet
395Kb / 10P
2-conductor female connector; CAGE CLAMP짰; 4 mm짼; Pin spacing 5 mm; 1-pole; coding finger; 4,00 mm짼; green-yellow
29.12.2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com