Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT2222LT1 Datasheet(PDF) 3 Page - Comchip Technology

Part # MMBT2222LT1
Description  General Purpose Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT2222LT1 Datasheet(HTML) 3 Page - Comchip Technology

  MMBT2222LT1_06 Datasheet HTML 1Page - Comchip Technology MMBT2222LT1_06 Datasheet HTML 2Page - Comchip Technology MMBT2222LT1_06 Datasheet HTML 3Page - Comchip Technology MMBT2222LT1_06 Datasheet HTML 4Page - Comchip Technology MMBT2222LT1_06 Datasheet HTML 5Page - Comchip Technology MMBT2222LT1_06 Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBT2222LT1, MMBT2222ALT1
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Unit
Max
Min
Symbol
SMALL− SIGNAL CHARACTERISTICS
Collector Base Time Constant
(IE = 20 mAdc, VCB = 20 Vdc, f = 31.8 MHz)
MMBT2222A
rb, Cc
150
ps
Noise Figure
(IC = 100 mAdc, VCE = 10 Vdc, RS = 1.0 kW, f = 1.0 kHz)
MMBT2222A
NF
4.0
dB
SWITCHING CHARACTERISTICS (MMBT2222A only)
Delay Time
(VCC = 30 Vdc, VBE(off) = − 0.5 Vdc,
IC = 150 mAdc, IB1 = 15 mAdc)
td
10
ns
Rise Time
tr
25
Storage Time
(VCC = 30 Vdc, IC = 150 mAdc,
IB1 = IB2 = 15 mAdc)
ts
225
ns
Fall Time
tf
60
3. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
4. fT is defined as the frequency at which |hfe| extrapolates to unity.
Figure 1. Turn−On Time
Figure 2. Turn−Off Time
SWITCHING TIME EQUIVALENT TEST CIRCUITS
Scope rise time < 4 ns
*Total shunt capacitance of test jig, connectors, and oscilloscope.
+16 V
−2 V
< 2 ns
0
1.0 to 100 ms,
DUTY CYCLE ≈ 2.0%
1 kW
+30 V
200
CS* < 10 pF
+16 V
−14 V
0
< 20 ns
1.0 to 100 ms,
DUTY CYCLE ≈ 2.0%
1 k
+30 V
200
CS* < 10 pF
−4 V
1N914
1000
10
20
30
50
70
100
200
300
500
700
1.0 k
0.1
0.2
0.3
0.5 0.7
1.0
2.0
3.0
5.0 7.0
10
20
30
50 70 100
200
300
500 700
IC, COLLECTOR CURRENT (mA)
Figure 3. DC Current Gain
TJ = 125°C
25°C
−55°C
VCE = 1.0 V
VCE = 10 V


Similar Part No. - MMBT2222LT1_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2222LT1 ONSEMI-MMBT2222LT1_01 Datasheet
128Kb / 8P
General Purpose Transistors NPN Silicon
March, 2001 ??Rev. 1
More results

Similar Description - MMBT2222LT1_06

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com