Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT2222LT1 Datasheet(PDF) 1 Page - Comchip Technology

Part # MMBT2222LT1
Description  General Purpose Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT2222LT1 Datasheet(HTML) 1 Page - Comchip Technology

  MMBT2222LT1_06 Datasheet HTML 1Page - Comchip Technology MMBT2222LT1_06 Datasheet HTML 2Page - Comchip Technology MMBT2222LT1_06 Datasheet HTML 3Page - Comchip Technology MMBT2222LT1_06 Datasheet HTML 4Page - Comchip Technology MMBT2222LT1_06 Datasheet HTML 5Page - Comchip Technology MMBT2222LT1_06 Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 6
1
Publication Order Number:
MMBT2222LT1/D
MMBT2222LT1,
MMBT2222ALT1
MMBT2222ALT1 is a Preferred Device
General Purpose Transistors
NPN Silicon
Features
Pb−Free Packages are Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector −Emitter Voltage
MMBT2222LT1
MMBT2222ALT1
VCEO
30
40
Vdc
Collector −Base Voltage
MMBT2222LT1
MMBT2222ALT1
VCBO
60
75
Vdc
Emitter −Base Voltage
MMBT2222LT1
MMBT2222ALT1
VEBO
5.0
6.0
Vdc
Collector Current − Continuous
IC
600
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR− 5 Board
(Note 1) TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation Alumina
Substrate (Note 2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
SOT−23
CASE 318
STYLE 6
Preferred devices are recommended choices for future use
and best overall value.
MARKING DIAGRAM
xxx = 1P or M1B
M
= Date Code*
G
= Pb−Free Package
COLLECTOR
3
1
BASE
2
EMITTER
http://onsemi.com
(Note: Microdot may be in either location)
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
1
2
1
3
xxx M
G
G


Similar Part No. - MMBT2222LT1_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2222LT1 ONSEMI-MMBT2222LT1_01 Datasheet
128Kb / 8P
General Purpose Transistors NPN Silicon
March, 2001 ??Rev. 1
More results

Similar Description - MMBT2222LT1_06

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com