Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT2222LT1 Datasheet(PDF) 5 Page - Comchip Technology

Part # MMBT2222LT1
Description  General Purpose Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBT2222LT1 Datasheet(HTML) 5 Page - Comchip Technology

  MMBT2222LT1_06 Datasheet HTML 1Page - Comchip Technology MMBT2222LT1_06 Datasheet HTML 2Page - Comchip Technology MMBT2222LT1_06 Datasheet HTML 3Page - Comchip Technology MMBT2222LT1_06 Datasheet HTML 4Page - Comchip Technology MMBT2222LT1_06 Datasheet HTML 5Page - Comchip Technology MMBT2222LT1_06 Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MMBT2222LT1, MMBT2222ALT1
http://onsemi.com
5
Figure 9. Capacitances
REVERSE VOLTAGE (VOLTS)
3.0
5.0
7.0
10
2.0
0.1
1.0
2.0 3.0 5.0 7.0 10
20 30
50
0.2 0.3 0.5 0.7
Ccb
20
30
Ceb
Figure 10. Current−Gain Bandwidth Product
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
500
1.0
2.0
3.0
5.0 7.0
10
20
30
50
70 100
VCE = 20 V
TJ = 25°C
Figure 11. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 10 V
Figure 12. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
−0.5
0
+0.5
−1.0
−1.5
−2.5
RqVC for VCE(sat)
RqVB for VBE
0.1
1.0 2.0
5.0 10 20
50
0.2
0.5
100 200
500 1.0 k
1.0 V
−2.0
0.1
1.0 2.0
5.0
10
20
50
0.2
0.5
100 200
500
ORDERING INFORMATION
Device
Specific Marking Code
Package
Shipping
MMBT2222LT1
M1B
SOT−23
3000 / Tape & Reel
MMBT2222LT1G
M1B
SOT−23
(Pb−Free)
3000 / Tape & Reel
MMBT2222ALT1
1P
SOT−23
3000 / Tape & Reel
MMBT2222ALT1G
1P
SOT−23
(Pb−Free)
3000 / Tape & Reel
MMBT2222LT3
M1B
SOT−23
10,000 / Tape & Reel
MMBT2222LT3G
M1B
SOT−23
(Pb−Free)
10,000 / Tape & Reel
MMBT2222ALT3
1P
SOT−23
10,000 / Tape & Reel
MMBT2222ALT3G
1P
SOT−23
(Pb−Free)
10,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MMBT2222LT1_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT2222LT1 ONSEMI-MMBT2222LT1_01 Datasheet
128Kb / 8P
General Purpose Transistors NPN Silicon
March, 2001 ??Rev. 1
More results

Similar Description - MMBT2222LT1_06

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com