Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-1-4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # H-1-4
Description  UHF Hybrid Junction 5 MHz - 1 GHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

H-1-4 Datasheet(HTML) 1 Page - Tyco Electronics

  H-1-4 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel. +85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax +44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
7-5
UHF Hybrid Junction
5 MHz - 1 GHz
H-1-4
V2.00
Features
Broad Frequency Range
0° - 180° Hybrid with High Isolation
MIL-STD-202 Screening Available
Guaranteed Specifications* (From - 55°C to + 85°C)
Frequency Range
5 MHz - 1 GHz
Isolation (A - B Ports)
5 - 300 MHz
50 dB Min.
300 MHz - 1 GHz
40 dB Min.
Operating Characteristics
Impedance
A & B Ports
50 Ohms Nom.
C & D Ports
100 Ohms Nom.
Input Power
7 W. Max.
Phase Shift ( A to C or D )
Linear with Frequency
(~ 45° @ 300 MHz)
*All specifications apply with 50 ohm source and load impedance.
This product contains elements protected by United States Patent
Number 3,311,850.
Typical Performance
q
q
q
C-33
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.015 (.x = ±0.4)
WEIGHT (APPROX): 5.47 OUNCES 155 GRAMS
Functional Diagram
Ordering Information
Part Number
H-1-4 BNC
Connectorized
H-1-4
N
Connectorized
H-1-4 SMA
Connectorized
H-1-4 TNC
Connectorized


Similar Part No. - H-1-4

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
H-1/2-B FESTO-H-1/2-B Datasheet
108Kb / 1P
   Non return valve
H-1/4-B FESTO-H-1/4-B Datasheet
108Kb / 1P
   Non return valve
H-1/8-A/I FESTO-H-1/8-A/I Datasheet
84Kb / 1P
   Non return valve
logo
Jonard Tools.
H-1000 JONARD-H-1000 Datasheet
3Mb / 52P
   Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
logo
STANLEY ELECTRIC CO.,LT...
H-1000L STANLEY-H-1000L Datasheet
187Kb / 11P
   Single Color Ultra High Brightness ?5 Type
More results

Similar Description - H-1-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HH-109 MACOM-HH-109_1 Datasheet
125Kb / 2P
   Hybrid Junction, 5 - 200 MHz
logo
M/A-COM Technology Solu...
HH-109 MA-COM-HH-109 Datasheet
71Kb / 2P
   Hybrid Junction, 5 - 200 MHz
logo
Tyco Electronics
HHS-109 MACOM-HHS-109 Datasheet
84Kb / 2P
   Hybrid Junction 5 - 200 MHz
logo
M/A-COM Technology Solu...
HH-_HHS-109 MA-COM-HH-_HHS-109 Datasheet
71Kb / 2P
   Hybrid Junction, 5 - 200 MHz
H-9 MA-COM-H-9 Datasheet
60Kb / 2P
   Hybrid Junction, 2 MHz - 2 GHz
logo
Tyco Electronics
H-9 MACOM-H-9 Datasheet
176Kb / 2P
   Hybrid Junction, 2 MHz - 2 GHz
H-183-4 MACOM-H-183-4 Datasheet
104Kb / 2P
   Microwave Hybrid Junction 30 MHz - 3 GHz
H-183-4 MACOM-H-183-4_1 Datasheet
171Kb / 2P
   Microwave Hybrid Junction 30 MHz - 3 GHz
logo
M/A-COM Technology Solu...
H-183-4 MA-COM-H-183-4 Datasheet
104Kb / 2P
   Microwave Hybrid Junction, 30 MHz - 3 GHz
HH-110 MA-COM-HH-110 Datasheet
89Kb / 3P
   Hybrid Junction, 10 - 500 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com