Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE3113 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE3113
Description  Bar Graph Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE3113 Datasheet(HTML) 1 Page - NTE Electronics

  NTE3113 Datasheet HTML 1Page - NTE Electronics NTE3113 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE3113 & NTE3114
Bar Graph Display
Features:
D Colors:
NTE3113 (Red)
NTE3114 (Green)
Absolute Maximum Ratings:
Power Dissipation (TA = +25°C)
0.3W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Forward Current (Per Segment), IF
NTE3113
15mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE3114
20mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reverse Voltage (Per Segment), VR
3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
−20
° to +60°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
−20
° to +60°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions:
Continuous Forward Current (Per Segment), IF
NTE3113
3mA to 10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE3114
10mA to 15mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electro−Optical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ Max Unit
Peak Wave Length
NTE3113
700
nm
NTE3114
565
nm
Forward Voltage
NTE3113
VF
1.9
V
NTE3114
2.05
V
Continuous Forward Current
NTE3113
IF
5
mA
NTE3115
15
mA
Luminous Intensity
NTE3113
L
150
μcd
NTE3114
300
μcd
Reverse Current
IR
VR = 3V
10
μA


Similar Part No. - NTE3113

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE311 NTE-NTE311 Datasheet
21Kb / 2P
   Silicon NPN Transistor Frequency Multiplier, Driver, VHF/UHF
NTE3111 NTE-NTE3111 Datasheet
66Kb / 1P
   Red Bar Graph Display
NTE3115 NTE-NTE3115 Datasheet
20Kb / 2P
   Bar Graph Display
NTE3116 NTE-NTE3116 Datasheet
20Kb / 2P
   Bar Graph Display
NTE3117 NTE-NTE3117 Datasheet
20Kb / 2P
   Bar Graph Display
More results

Similar Description - NTE3113

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3115 NTE-NTE3115 Datasheet
20Kb / 2P
   Bar Graph Display
NTE3111 NTE-NTE3111 Datasheet
66Kb / 1P
   Red Bar Graph Display
logo
LIGITEK electronics co....
LBD1301-24S-XX LIGITEK-LBD1301-24S-XX Datasheet
141Kb / 8P
   BAR GRAPH LED DISPLAY
logo
Lucky Light Electronic
KWL-401UX LUCKY-LIGHT-KWL-401UX Datasheet
44Kb / 1P
   Light Bar Graph Array Display
KWL-801UX LUCKY-LIGHT-KWL-801UX Datasheet
45Kb / 1P
   Light Bar Graph Array Display
KWL-1001UX LUCKY-LIGHT-KWL-1001UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
KWL-201UX LUCKY-LIGHT-KWL-201UX Datasheet
43Kb / 1P
   Light Bar Graph Array Display
KWL-701UX LUCKY-LIGHT-KWL-701UX Datasheet
46Kb / 1P
   Light Bar Graph Array Display
logo
Marktech Corporate
MTB10000-PG MARKTECH-MTB10000-PG Datasheet
333Kb / 3P
   10 Segment Green Bar Graph Display
logo
Hitachi Semiconductor
HA12010 HITACHI-HA12010 Datasheet
313Kb / 5P
   FLUORESCENT TUBE DRIVER FOR BAR GRAPH DISPLAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com