Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12D Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC9S12D
Description  16-Bit Microcontroller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12D Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC9S12D Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S12D Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S12D Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S12D Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S12D Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S12D Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S12D Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S12D Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S12D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MC9S
2
PRODUCT PROPOSAL, Rev 6.1, 23-Oct-02
• Analog-to-Digital Converters
— One or two 8-channel modules with 10-bit resolution depending on the package option
— External conversion trigger capability
• Up to five 1M bit per second, CAN 2.0 A, B software compatible modules
— Five receive and three transmit buffers
— Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8 x 8 bit
— Four separate interrupt channels for Receive, Transmit, Error and Wake-up
— Low-pass filter wake-up function in STOP mode
— Loop-back for self test operation
• Enhanced Capture Timer (ECT)
— 16-bit main counter with 7-bit prescaler
— 8 programmable input capture or output compare channels; 4 of the 8 input captures with buffer
— Input capture filters and buffers, three successive captures on four channels, or two captures on four
channels with a capture/compare selectable on the remaining four
— Four 8-bit or two 16-bit pulse accumulators
— 16-bit modulus down-counter with 4-bit prescaler
— Four user-selectable delay counters for signal filtering
• 8 PWM channels with programmable period and duty cycle (7 channels on 80 Pin Packages)
— 8-bit, 8-channel or 16-bit, 4-channel
— Separate control for each pulse width and duty cycle
— Center- or left-aligned outputs
— Programmable clock select logic with a wide range of frequencies
• Serial interfaces
— Two asynchronous serial communications interfaces (SCI)
— Up to three synchronous serial peripheral interfaces (SPI)
— IIC
• SAE J1850 Compatible Module (BDLC)
— 10.4 kbps Variable Pulse Width format
— Byte level receive and transmit
— 4x receive mode supported
• SIM (System Integration Module)
— CRG (windowed COP watchdog, real time interrupt, clock monitor, clock generation and reset)
— MEBI (multiplexed external bus interface)
— INT (interrupt control)
• Clock generation
— Phase-locked loop clock frequency multiplier
— Limp home mode in absence of external clock
— Clock Monitor
— Low power 0.5 to 16 MHz crystal oscillator reference clock
• Operating frequency for ambient temperatures TA -40°C <= TA <= 125°C
— 50MHz equivalent to 25MHz Bus Speed for single chip
40MHz equivalent to 20MHz Bus Speed in expanded bus modes.
• Internal 5V to 2.5V Regulator
• 112-Pin LQFP or 80-Pin QFP package
— I/O lines with 5V input and drive capability
— 5V A/D converter inputs and 5V I/O
— 2.5V logic supply
• Development support
— Single-wire background debug™ mode (BDM)
— On-chip hardware breakpoints
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC9S12D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12D MOTOROLA-MC9S12D Datasheet
373Kb / 14P
   16-Bit Microcontroller
logo
Freescale Semiconductor...
MC9S12D FREESCALE-MC9S12D Datasheet
419Kb / 14P
   16-Bit Microcontroller
logo
NXP Semiconductors
MC9S12D NXP-MC9S12D Datasheet
457Kb / 14P
   16-Bit Microcontroller
Rev 6.1, 23-Oct-02
logo
Motorola, Inc
MC9S12D32 MOTOROLA-MC9S12D32 Datasheet
373Kb / 14P
   16-Bit Microcontroller
logo
Freescale Semiconductor...
MC9S12D32 FREESCALE-MC9S12D32 Datasheet
1Mb / 128P
   Device User Guide V01.20
More results

Similar Description - MC9S12D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com