Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT20-0106-PIN Datasheet(PDF) 4 Page - Tyco Electronics

Part # AT20-0106-PIN
Description  Digital Attenuator 50.0dB, 6-Bit, TTL Driver, DC-2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT20-0106-PIN Datasheet(HTML) 4 Page - Tyco Electronics

  AT20-0106-PIN Datasheet HTML 1Page - Tyco Electronics AT20-0106-PIN Datasheet HTML 2Page - Tyco Electronics AT20-0106-PIN Datasheet HTML 3Page - Tyco Electronics AT20-0106-PIN Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Digital Attenuator
50.0 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT20-0106
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V7
4
RoHS
Compliant
RF1 VSWR vs. Frequency
RF2 VSWR vs. Frequency
Typical Performance Curves
Attenuation Accuracy vs. Frequency
- 2.00
- 1.00
0.00
1.00
2.00
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
16 d B
3 2 d B
4 0 d B
5 0 d B
1
1.2
1.4
1.6
1.8
2
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
1 d B
4 dB
8 & 16 dB
3 2 dB
Re f L o ss & 2 d B
1
1.2
1.4
1.6
1.8
2
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
1 dB
2 dB
8 dB
16 dB
Re f Loss
& 4 dB
3 2 dB
Lead-Free, CR-13 Ceramic Package
Reference Application Note M538 for lead-free solder reflow
recommendations.


Similar Part No. - AT20-0106-PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT20-0106-PIN MA-COM-AT20-0106-PIN Datasheet
134Kb / 4P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results

Similar Description - AT20-0106-PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0106 MACOM-AT65-0106_1 Datasheet
424Kb / 4P
   Digital Attenuator 50dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT-107-PIN MACOM-AT-107-PIN Datasheet
184Kb / 4P
   Digital Attenuator, 31.5dB, 6-Bit, TTL Driver DC - 2.0 GHz
AT20-0107 MACOM-AT20-0107_1 Datasheet
248Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0005 MACOM-MAATCC0005 Datasheet
289Kb / 6P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0008 MACOM-MAATCC0008 Datasheet
246Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0007 MACOM-MAATCC0007 Datasheet
270Kb / 6P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT65-0107 MACOM-AT65-0107_1 Datasheet
356Kb / 4P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT-106-PIN MACOM-AT-106-PIN Datasheet
185Kb / 4P
   Digital Attenuator, 50dB, 6-Bit, TTL Driver DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007086-000100 MA-COM-MAAD-007086-000100 Datasheet
143Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com