![]() |
Electronic Components Datasheet Search |
|
10C0.5YY-006100M Datasheet(PDF) 1 Page - Belden Inc. |
|
|
10C0.5YY-006100M Datasheet(HTML) 1 Page - Belden Inc. |
1 / 2 page ![]() Product: 10C0.5YY MachFlex™ LiYY, 10 C 0.5mm² Str BC, PVC Ins, PVC Jkt Product Description MachFlex™ LiYY PVC Control & Signal Cables, 10 Conductor 0.5mm² Stranded Bare Copper, PVC Insulation, PVC Jacket Technical Specifications Product Overview Suitable Applications: Designed for applications which are installed in occasional flexing and fixed locations. Cable applications include precision control sensors, pressure gauge, temperature controllers, control panels, vibration monitoring systems, intelligentsecurity controllers, production machinery and many more Construction Details Conductor Element No. of Elements Size Stranding Material Conductor(s) 10 0.5 mm² Stranded BC - Bare Copper Insulation Material Color Code PVC - Polyvinyl Chloride White, Brown, Green, Yellow, Grey, Pink, Blue, Red, Black, Violet Outer Jacket Material PVC - Polyvinyl Chloride Overall Cable Diameter (Nominal): 8.0 mm (0.31 in) Electrical Characteristics Electricals Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Shield 120 pF/m (37 pF/ft) 160 pF/m (49 pF/ft) Voltage Voltage Rating 500 V (Max. Operating Voltage), 1500 V (Testing Voltage) Mechanical Characteristics Temperature Operating Installation -5°C to +70°C(Occasional movement) -40°C to +80°C(Fixed installation) Bend Radius Stationary Min. Installation Min. 80 mm (3.1 in) 32 mm (1.3 in) Bulk Cable Weight: 100 kg/km (67 lbs/1000ft) Standards and Compliance |
Similar Part No. - 10C0.5YY-006100M |
|
Similar Description - 10C0.5YY-006100M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |