Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10C0.5YY Datasheet(PDF) 1 Page - Belden Inc.

Part # 10C0.5YY
Description  MachFlex™ LiYY, 10 C 0.5mm² Str BC, PVC Ins, PVC Jkt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

10C0.5YY Datasheet(HTML) 1 Page - Belden Inc.

  10C0.5YY Datasheet HTML 1Page - Belden Inc. 10C0.5YY Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 10C0.5YY
MachFlex™ LiYY, 10 C 0.5mm² Str BC, PVC Ins, PVC Jkt
Product Description
MachFlex™ LiYY PVC Control & Signal Cables, 10 Conductor 0.5mm² Stranded Bare Copper, PVC Insulation, PVC Jacket
Technical Specifications
Product Overview
Suitable Applications:
Designed for applications which are installed in occasional flexing and fixed locations. Cable applications include precision control sensors, pressure gauge, temperature controllers,
control panels, vibration monitoring systems, intelligentsecurity controllers, production machinery and many more
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 10
0.5 mm² Stranded
BC - Bare Copper
Insulation
Material
Color Code
PVC - Polyvinyl Chloride White, Brown, Green, Yellow, Grey, Pink, Blue, Red, Black, Violet
Outer Jacket
Material
PVC - Polyvinyl Chloride
Overall Cable Diameter
(Nominal):
8.0 mm (0.31 in)
Electrical Characteristics
Electricals
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Shield
120 pF/m (37 pF/ft)
160 pF/m (49 pF/ft)
Voltage
Voltage Rating
500 V (Max. Operating Voltage), 1500 V (Testing Voltage)
Mechanical Characteristics
Temperature
Operating
Installation
-5°C to +70°C(Occasional movement) -40°C to +80°C(Fixed installation)
Bend Radius
Stationary Min. Installation Min.
80 mm (3.1 in)
32 mm (1.3 in)
Bulk Cable Weight:
100 kg/km (67 lbs/1000ft)
Standards and Compliance


Similar Part No. - 10C0.5YY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10C0.5HH BELDEN-10C0.5HH Datasheet
158Kb / 2P
   MachFlex™ LiHH, 10 C 0.5mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
10C0.5HH-006100M BELDEN-10C0.5HH-006100M Datasheet
158Kb / 2P
   MachFlex™ LiHH, 10 C 0.5mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
10C0.5HH-006200M BELDEN-10C0.5HH-006200M Datasheet
158Kb / 2P
   MachFlex™ LiHH, 10 C 0.5mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
10C0.5HH-006300M BELDEN-10C0.5HH-006300M Datasheet
158Kb / 2P
   MachFlex™ LiHH, 10 C 0.5mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
10C0.5HH-010100M BELDEN-10C0.5HH-010100M Datasheet
158Kb / 2P
   MachFlex™ LiHH, 10 C 0.5mm² Str BC, PE Ins, LSZH Jkt
01-09-2024
More results

Similar Description - 10C0.5YY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8678 BELDEN-8678 Datasheet
153Kb / 2P
   Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
   Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
8456 BELDEN-8456 Datasheet
218Kb / 2P
   Electronic, 10 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
19140 BELDEN-19140 Datasheet
143Kb / 2P
   Portable Cordage, 2 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
19362 BELDEN-19362 Datasheet
142Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
8629 BELDEN-8629 Datasheet
166Kb / 2P
   Electronic, 12 C #14 Str TC, PVC Ins, PVC Jkt
05-05-2023
19352 BELDEN-19352 Datasheet
139Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
19401 BELDEN-19401 Datasheet
143Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
03-04-2023
19403 BELDEN-19403 Datasheet
146Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
9998 BELDEN-9998 Datasheet
139Kb / 2P
   Portable Cordage, 3 C #16 Str BC, PVC Ins, PVC Jkt, UL Type SJT
05-05-2023
19402 BELDEN-19402 Datasheet
176Kb / 2P
   Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-11-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com