Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10C0.34HCH-006100M Datasheet(PDF) 1 Page - Belden Inc.

Part # 10C0.34HCH-006100M
Description  MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

10C0.34HCH-006100M Datasheet(HTML) 1 Page - Belden Inc.

  10C0.34HCH-006100M Datasheet HTML 1Page - Belden Inc. 10C0.34HCH-006100M Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 10C0.34HCH
MachFlex™ LiHCH, 10 C 0.34mm² Str BC, PE Ins, TCBS, LSZH Jkt
Product Description
MachFlex™ LiHCH LSZH Control & Signal Cables, 10 Conductor 0.34mm² Stranded Bare Copper, Polyethylene Insulation, Tinned Copper Braid Shield, LSZH
Jacket
Technical Specifications
Product Overview
Suitable
Applications:
Designed for applications which are installed in occasional flexing and fixed locations. Cable applications include precision control sensors, pressure gauge, temperature controllers, control
panels, vibration monitoring systems, intelligent security controllers, production machinery and many more. Tinned cooper braid shield ensure the cables with excellent noise immunity. This
LSZH version with UL certification emits limited smoke and no halogen when exposed to high sources of heat. It can considerably reduce the amount and density of the smoke, toxic and
corrosive gas emitted during a fire, enable easier evacuation as well as safer firefighting operations.
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 10
0.34 mm² Stranded
BC - Bare Copper
Insulation
Material
Color Code
PE - Polyethylene White, Brown, Green, Yellow, Gray, Pink, Blue, Red, Black, Violet
Outer Shield
Shield Type
Material
Braid
Tinned Copper (TC)
Outer Jacket
Material
LSZH - Low Smoke Zero Halogen (Flame Retardant)
Overall Cable
Diameter (Nominal):
6.5 mm (0.26 in)
Electrical Characteristics
Electricals
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Shield
80 pF/m (24 pF/ft)
120 pF/m (37 pF/ft)
Voltage
Voltage Rating
500 V (Max. Operating Voltage), 1500 V (Testing Voltage)
Mechanical Characteristics
Temperature
Operating
Installation
5°C to +70°C(Occasional movement) 40°C to +80°C(Fixed installation)
Bend Radius


Similar Part No. - 10C0.34HCH-006100M

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10C0.34YY BELDEN-10C0.34YY Datasheet
155Kb / 2P
MachFlex™ LiYY, 10 C 0.34mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
10C0.34YY006100M BELDEN-10C0.34YY006100M Datasheet
155Kb / 2P
MachFlex™ LiYY, 10 C 0.34mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
10C0.34YY006200M BELDEN-10C0.34YY006200M Datasheet
155Kb / 2P
MachFlex™ LiYY, 10 C 0.34mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
10C0.34YY006300M BELDEN-10C0.34YY006300M Datasheet
155Kb / 2P
MachFlex™ LiYY, 10 C 0.34mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
10C0.34YY010100M BELDEN-10C0.34YY010100M Datasheet
155Kb / 2P
MachFlex™ LiYY, 10 C 0.34mm² Str BC, PVC Ins, PVC Jkt
07-04-2024
More results

Similar Description - 10C0.34HCH-006100M

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8471ELV BELDEN-8471ELV Datasheet
152Kb / 3P
Electronic, 2 C #16 Str TC, PE Ins, LSZH Jkt, B2ca
11-09-2022
8471ELW BELDEN-8471ELW Datasheet
152Kb / 3P
Electronic, 2 C #16 Str TC, PE Ins, LSZH Jkt, Cca
11-09-2022
8471NH BELDEN-8471NH Datasheet
151Kb / 2P
Electronic, 2 C #16 Str TC, LSZH Ins, LSZH Jkt
03-04-2023
8719NH BELDEN-8719NH Datasheet
165Kb / 2P
Electronic, 2 C #16 Str TC, PE Ins, OS, LSZH Jkt, Dca
03-04-2023
8760ELV BELDEN-8760ELV Datasheet
147Kb / 2P
Electronic, 2 C #18 Str TC, PE Ins, OS, LSZH Jkt B2ca
03-06-2023
8760ELW BELDEN-8760ELW Datasheet
152Kb / 2P
Electronic, 2 C #18 Str TC, PE Ins, OS, LSZH Jkt, Cca
03-06-2023
8760NH BELDEN-8760NH Datasheet
153Kb / 2P
Electronic, 2 C #18 Str TC, PE Ins, OS, LSZH Jkt
03-04-2023
MRTA10P23S BELDEN-MRTA10P23S Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 10 Pr 23 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA10P24S BELDEN-MRTA10P24S Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 10 Pr 24 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
MRTA10P26S BELDEN-MRTA10P26S Datasheet
147Kb / 2P
MachFlex™ Robotic Multi-Pair Control, 10 Pr 26 AWG Str TC, ETFE Ins,TCBS, PVC Outer Jkt
02-02-2023
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com