Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B65807C0000R048 Datasheet(PDF) 2 Page - EPCOS

Part # B65807C0000R048
Description  RM cores are supplied in sets
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65807C0000R048 Datasheet(HTML) 2 Page - EPCOS

  B65807C0000R048 Datasheet HTML 1Page - EPCOS B65807C0000R048 Datasheet HTML 2Page - EPCOS B65807C0000R048 Datasheet HTML 3Page - EPCOS B65807C0000R048 Datasheet HTML 4Page - EPCOS B65807C0000R048 Datasheet HTML 5Page - EPCOS B65807C0000R048 Datasheet HTML 6Page - EPCOS B65807C0000R048 Datasheet HTML 7Page - EPCOS B65807C0000R048 Datasheet HTML 8Page - EPCOS B65807C0000R048 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
203 08/01
I In accordance with IEC 60431
I Core without center hole
for transformer applications
I RM cores are supplied in sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
with
center hole
without
center hole
Σl/A
le
Ae
Amin
Ve
0,86
26,9
31,3
840
0,78
28,6
36,6
31
1 050
mm–1
mm
mm2
mm2
mm3
m
4,9
5,3
g
Material
AL value
nH
s
approx.
mm
µe
Ordering code1)
-J without center hole
-N with threaded sleeve
-C with center hole
K1
40
± 3 %
0,80
27,4
B65807-+40-A1
M33
63
± 3 %
0,60
43,2
B65807-+63-A33
100
± 3 %
0,38
68,5
B65807-+100-A33
N48
160
± 3 %
0,22
110
B65807-+160-A48
250
± 3 %
0,12
171
B65807-+250-A48
315
± 3 %
0,08
216
B65807-+315-A48
400
± 3 %
0,05
274
B65807-+400-A48
N41
250
± 3 %
0,17
155
B65807-J250-A41
1) Replace the + by the code letter “C” or “N” for the required version. Standard version is “C”.
B65807
Core
RM 6


Similar Part No. - B65807C0000R048

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65807C0000R048 EPCOS-B65807C0000R048 Datasheet
479Kb / 13P
   Ferrites and accessories
B65807C0000R048 EPCOS-B65807C0000R048 Datasheet
567Kb / 17P
   Ferrites and accessories
More results

Similar Description - B65807C0000R048

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65805-P EPCOS-B65805-P Datasheet
89Kb / 2P
   RM cores are supplied in sets
B65819 EPCOS-B65819 Datasheet
144Kb / 6P
   RM cores are supplied in sets
B65807-P EPCOS-B65807-P Datasheet
90Kb / 2P
   RM cores are supplied in sets
B65811 EPCOS-B65811 Datasheet
236Kb / 9P
   RM cores are supplied in sets
B65813 EPCOS-B65813 Datasheet
200Kb / 8P
   RM 10 RM cores are supplied in sets
B65501-D-R33 EPCOS-B65501-D-R33 Datasheet
85Kb / 3P
   Pot cores are supplied in sets
B65511 EPCOS-B65511 Datasheet
103Kb / 4P
   Pot cores are supplied in sets
B65491 EPCOS-B65491 Datasheet
72Kb / 2P
   P 3,3 횞 2,6 Pot cores are supplied in sets
logo
YUXIANG Magnetc materia...
RM4A YUXIANG-RM4A Datasheet
59Kb / 2P
   RM CORES
logo
Ferroxcube Internationa...
RM4-3D3-E40 FERROXCUBE-RM4-3D3-E40 Datasheet
74Kb / 6P
   RM, RM/I, RM/ILP cores and
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com