Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B37941X1103K060 Datasheet(PDF) 12 Page - EPCOS

Part # B37941X1103K060
Description  Multilayer ceramic capacitor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37941X1103K060 Datasheet(HTML) 12 Page - EPCOS

Back Button B37941X1103K060 Datasheet HTML 6Page - EPCOS B37941X1103K060 Datasheet HTML 7Page - EPCOS B37941X1103K060 Datasheet HTML 8Page - EPCOS B37941X1103K060 Datasheet HTML 9Page - EPCOS B37941X1103K060 Datasheet HTML 10Page - EPCOS B37941X1103K060 Datasheet HTML 11Page - EPCOS B37941X1103K060 Datasheet HTML 12Page - EPCOS B37941X1103K060 Datasheet HTML 13Page - EPCOS B37941X1103K060 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Multilayer ceramic capacitor
B37941X
MLSC series
MLSC 0805, 50 V and 100 V
ppb - level assurance system
The tests given in the table below will result in a quality system to assure component reliability as
necessary for automotive use.
Item
Description
Frequency
Destructive physical analysis
Increased margins
Every lot
Solder shock test followed by burn-in or
HALT test
360 °C solder shock followed by 24 h 125 °C / 1.5 x
rated voltage burn-in (for NME types) or 150 °C / 3 x
rated voltage HALT test (for BME types)
Skip lot
Bending strength test
Deflection up to 10 mm, detection per piezo-electric
method
Skip lot
100% electrical inspection
including the use of dynamic IR test limits,
minimum 3 x rated voltage for IR testing
-
Every lot and dynamic testing
limits only for X7R 0603 and 0805
100% AOI
-
Every lot
Periodical reliability monitoring and fit-rate
estimation acc. to Arrhenius law and the
basis of life testing
According to the stress tests specified
Family representatives per year
KB VS PE
July 2005
Please read Cautions and warnings and
Page 12 of 14
Important notes at the end of this document.


Similar Part No. - B37941X1103K060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B37941X1103K060 EPCOS-B37941X1103K060 Datasheet
797Kb / 17P
   Multilayer ceramic capacitors
More results

Similar Description - B37941X1103K060

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
logo
Samsung semiconductor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL05B104KONC SAMSUNG-CL05B104KONC Datasheet
549Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
logo
Murata Manufacturing Co...
GRM31CF11H475ZA01L MURATA1-GRM31CF11H475ZA01L Datasheet
47Kb / 1P
   Capacitor Ceramic Multilayer
2015/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com